Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9431EDY-GE3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG9431EDY-GE3
Description  The DG9431E is a monolithic CMOS switch designed for precision signal switching
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9431EDY-GE3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG9431EDY-GE3 Datasheet HTML 1Page - Vishay Siliconix DG9431EDY-GE3 Datasheet HTML 2Page - Vishay Siliconix DG9431EDY-GE3 Datasheet HTML 3Page - Vishay Siliconix DG9431EDY-GE3 Datasheet HTML 4Page - Vishay Siliconix DG9431EDY-GE3 Datasheet HTML 5Page - Vishay Siliconix DG9431EDY-GE3 Datasheet HTML 6Page - Vishay Siliconix DG9431EDY-GE3 Datasheet HTML 7Page - Vishay Siliconix DG9431EDY-GE3 Datasheet HTML 8Page - Vishay Siliconix DG9431EDY-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DG9431E
www.vishay.com
Vishay Siliconix
S16-2242–Rev. A, 31-Oct-16
5
Document Number: 76459
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Switching Time vs. Temperature
Switching Threshold vs. Supply Voltage
Charge Injection vs. Analog Voltage
Switching Time vs. Supply Voltage
OIRR, Off Isolation vs. Frequency
Capacitance
10
100
1000
10000
0
10
20
30
40
50
60
-40
-20
0
20406080
100
Axis Title
Temperature (°C)
2nd line
V+ = 3 V, t
ON
V+ = 3 V, t
OFF
V+ = 5 V, t
ON
V+ = 5 V, t
OFF
10
100
1000
10000
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2
2.5
3
3.5
4
4.5
5
Axis Title
V+ - Supply Voltage (V)
2nd line
V
IH =-40 °C
V
IL = 85 °C
V
IH = 25 °C
V
IL = 25 °C
10
100
1000
10000
-1.2
-1.1
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
012345
Axis Title
V
NO/NC - Analog Voltage (V)
2nd line
V+ = 3 V
V+ = 5 V
10
100
1000
10000
0
10
20
30
40
50
60
70
80
22.5
33.5
44.5
5
Axis Title
V+ - Supply Voltage (V)
2nd line
t
ON
t
OFF
10
100
1000
10000
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100K
1M
10M
100M
1G
Axis Title
Frequency (Hz)
2nd line
V+ = 5 V
10
100
1000
10000
0
1
2
3
4
5
6
7
8
9
10
012345
Axis Title
V
ANALOG (V)
2nd line
V+ = 5 V
C
NO/NC(OFF)
C
COM(ON)
C
COM(OFF)


Similar Part No. - DG9431EDY-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9431 VISHAY-DG9431 Datasheet
72Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
DG9431 VISHAY-DG9431 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
DG9431DV VISHAY-DG9431DV Datasheet
72Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
DG9431DV-T1 VISHAY-DG9431DV-T1 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
DG9431DV-T1-E3 VISHAY-DG9431DV-T1-E3 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
More results

Similar Description - DG9431EDY-GE3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3392 STMICROELECTRONICS-AN3392 Datasheet
5Mb / 57P
   The SPV1020 is a monolithic DC-DC boost converter designed
logo
E-Tech Electronics LTD
GD1SS356 ETL-GD1SS356 Datasheet
142Kb / 2P
   The GD1SS356 is designed for high frequency switching application.
GDMBD2004 ETL-GDMBD2004 Datasheet
225Kb / 2P
   The GDMBD2004 is designed for ultra high speed switching
GP202K ETL-GP202K Datasheet
173Kb / 2P
   The GP202K is designed for ultra high speed switching.
logo
Richtek Technology Corp...
RT8259A RICHTEK-RT8259A Datasheet
200Kb / 11P
   The RT8259A is a monolithic step-down switch mode
logo
STMicroelectronics
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
   The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
AN4189 STMICROELECTRONICS-AN4189 Datasheet
2Mb / 23P
   The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
AN2479 STMICROELECTRONICS-AN2479 Datasheet
2Mb / 23P
   The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
   The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
logo
E-Tech Electronics LTD
GBAV152 ETL-GBAV152 Datasheet
313Kb / 2P
   The GBAV152 is designed for ultra high speed switching application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com