Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DGQ2788A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DGQ2788A
Description  The DGQ2788A, is a four-channel single-pole double-throw (SPDT) analog switch with two control inputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DGQ2788A Datasheet(HTML) 4 Page - Vishay Siliconix

  DGQ2788A Datasheet HTML 1Page - Vishay Siliconix DGQ2788A Datasheet HTML 2Page - Vishay Siliconix DGQ2788A Datasheet HTML 3Page - Vishay Siliconix DGQ2788A Datasheet HTML 4Page - Vishay Siliconix DGQ2788A Datasheet HTML 5Page - Vishay Siliconix DGQ2788A Datasheet HTML 6Page - Vishay Siliconix DGQ2788A Datasheet HTML 7Page - Vishay Siliconix DGQ2788A Datasheet HTML 8Page - Vishay Siliconix DGQ2788A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DGQ2788A
www.vishay.com
Vishay Siliconix
S18-0033-Rev. B, 29-Jan-18
4
Document Number: 75683
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RON vs. VCOM and Supply Voltage
Supply Current vs. Input Voltage
Supply Current vs. Supply Voltage
RON vs. Analog Voltage and Temperature
Supply Current vs. Temperature
Leakage Current vs. Temperature
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
COM - Analog Voltage (V)
V+ = +1.8 V
V+ = +3.0 V
V+ = +2.3 V
V+ = +5.0 V
T
A = 25 °C
I
S = 100 mA
V+ = +3.6 V
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
IN - Input Voltage (V)
V+ = 5 V
T = 25 oC
V+ = 3 V
V+ = 1.8 V
10
15
20
25
30
35
40
45
50
55
60
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V+ - Supply Voltage (V)
T
A = 25 °C
V
IN = 0 V
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
COM - Analog Voltage (V)
+85
°C
+25
°C
-40
°C
V+ = +3.0 V
I
S = 100 mA
0
5
10
15
20
25
30
35
40
-50
-25
0
255075
100
125
Temperature (
°C)
V+ = +3 V
IN = 0 V
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
-50
-25
0
25
50
75
100
125
Temperature (oC)
V+ = 3.3 V
V
COM = 0.3 V
V
NO/NC = 3 V
I
NO/NC(OFF)
-I
COM(OFF)
-I
COM(ON)


Similar Part No. - DGQ2788A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DGQ2788A VISHAY-DGQ2788A Datasheet
241Kb / 10P
   Automotive 125 째C Analog Switch Dual DPDT / Quad SPDT, 0.37 ?? 338 MHz Bandwidth
01-Jan-2022
DGQ2788AEN-T1-GE4 VISHAY-DGQ2788AEN-T1-GE4 Datasheet
241Kb / 10P
   Automotive 125 째C Analog Switch Dual DPDT / Quad SPDT, 0.37 ?? 338 MHz Bandwidth
01-Jan-2022
DGQ2788A VISHAY-DGQ2788A_V01 Datasheet
241Kb / 10P
   Automotive 125 째C Analog Switch Dual DPDT / Quad SPDT, 0.37 ?? 338 MHz Bandwidth
01-Jan-2022
More results

Similar Description - DGQ2788A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA630 PHILIPS-SA630_15 Datasheet
545Kb / 20P
   Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
SA630 NXP-SA630 Datasheet
545Kb / 20P
   Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
SA630 PHILIPS-SA630 Datasheet
282Kb / 14P
   Single pole double throw SPDT switch
1997 Nov 07
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
SN74LVC1G3157 TI1-SN74LVC1G3157_17 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com