Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQUW60-72S05LTH Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCQUW60-72S05LTH
Description  Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQUW60-72S05LTH Datasheet(HTML) 7 Page - Wall Industries,Inc.

  DCQUW60-72S05LTH Datasheet HTML 1Page - Wall Industries,Inc. DCQUW60-72S05LTH Datasheet HTML 2Page - Wall Industries,Inc. DCQUW60-72S05LTH Datasheet HTML 3Page - Wall Industries,Inc. DCQUW60-72S05LTH Datasheet HTML 4Page - Wall Industries,Inc. DCQUW60-72S05LTH Datasheet HTML 5Page - Wall Industries,Inc. DCQUW60-72S05LTH Datasheet HTML 6Page - Wall Industries,Inc. DCQUW60-72S05LTH Datasheet HTML 7Page - Wall Industries,Inc. DCQUW60-72S05LTH Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev A
DCQUW60 SERIES
Up to 60 Watts
Quarter Brick DC/DC Converter
Single Outputs
2/1/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 8
External Output Trimming
Output can be externally trimmed using the method shown below
Trim-Up
5VDC Output Models
ΔV
(%)
1
2
3
4
5
6
7
8
9
10
Vout
(V)
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
5.45
5.50
RU
(kΩ)
1585.35
797.994
535.542
404.316
325.58
273.09
235.596
207.476
185.605
168.109
12VDC Output Models
ΔV
(%)
1
2
3
4
5
6
7
8
9
10
Vout
(V)
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
RU
(kΩ)
4534.55
2287.19
1538.08
1163.52
938.78
788.956
681.939
601.676
539.25
489.309
15VDC Output Models
ΔV
(%)
1
2
3
4
5
6
7
8
9
10
Vout
(V)
15.15
15.30
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
RU
(kΩ)
5798.49
2925.42
1967.73
1488.89
1201.58
1010.04
873.229
770.619
690.812
626.966
24VDC Output Models
ΔV
(%)
1
2
3
4
5
6
7
8
9
10
Vout
(V)
24.24
24.48
24.72
24.96
25.20
25.44
25.68
25.92
26.16
26.40
RU
(kΩ)
9590.32
4840.11
3256.7
2465
1989.98
1673.3
1447.1
1277.45
1145.5
1039.94
28VDC Output Models
ΔV
(%)
1
2
3
4
5
6
7
8
9
10
Vout
(V)
28.28
28.56
28.84
29.12
29.40
29.68
29.96
30.24
30.52
30.80
RU
(kΩ)
11275.58
5691.08
3829.58
2898.83
2340.38
1968.08
1702.151
1502.705
1347.58
1223.48
48VDC Output Models
ΔV
(%)
1
2
3
4
5
6
7
8
9
10
Vout
(V)
48.48
48.96
49.44
49.92
50.40
50.88
51.36
51.84
52.32
52.80
RU
(kΩ)
19701.9
9945.94
6693.96
5067.97
4092.38
3441.99
2977.42
2628.99
2357.99
2141.19
53VDC Output Models
ΔV
(%)
1
2
3
4
5
6
7
8
9
10
Vout
(V)
53.53
54.06
54.59
55.12
55.65
56.18
56.71
57.24
57.77
58.30
RU
(kΩ)
21808.437
11009.651
7410.056
5610.259
4530.38
3810.461
3296.233
2910.562
2610.596
2370.623
Trim Down
All Models
ΔV
(%)
1
2
3
4
5
6
7
8
9
10
RD
(kΩ)
500.78
245.28
160.113
117.53
91.98
74.947
62.78
53.655
46.558
40.88
ΔV
(%)
11
12
13
14
15
16
17
18
19
20
RD
(kΩ)
36.235
32.363
29.088
26.28
23.847
21.718
19.839
18.169
16.675
15.33
MODEL NUMBER SETUP
DCQUW
60
-
72
S
05
P
HS
Series Name
Output Power
Input Voltage
Output Quantity Ouptut Voltage
Ctrl and Pin Options
Assembly Options
36: 9~75VDC
S: Single
05: 5VDC
Blank:
Positive Logic,
0.150” pin length
Blank: None
72: 16~160VDC
12: 12VDC
S:
Positive Logic,
0.200” pin length
HS: 7G-0029B-F, H=0.24”
15: 15VDC
N:
Negative Logic,
0.150” pin length
HS1: 7G-0030B-F, H=0.5”
24: 24VDC
L:
Negative Logic,
0.200” pin length
HS2: 7G-0031B-F, H=0.24”
28: 28VDC
HS3: 7G-0032B-F, H=0.5”
48: 48VDC
TH: Through Hole (No Thread)
53: 53VDC
NOTES
1. Models with TH option cannot be equipped with a heatsink.


Similar Part No. - DCQUW60-72S05LTH

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DCQ MURATA-PS-DCQ Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
DCQ0150V2 MURATA-PS-DCQ0150V2 Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
logo
Wall Industries,Inc.
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05 WALL-DCQA100-12S05 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH WALL-DCQA100-12S05RH Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - DCQUW60-72S05LTH

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCHBW150 WALL-DCHBW150_18 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com