Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0348993080 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0348993080
Description  MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 3 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0348993080 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0348993080 Datasheet HTML 1Page - Molex Electronics Ltd. 0348993080 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/11/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0348993080
Status:
Active
Overview:
MXP120 Sealed Connector System
Description:
MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 3 Circuit, Black Housing
(T3-V2-S3 / T4-V4-S3), Backshell Interface Option 2, Key A
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-34900-0001-001 (PDF)
Product Literature (PDF)
Packaging Specification PK-31301-898-001 (PDF)
General
Product Family
Crimp Housings
Series
34899
Application
Body Electronics, Power Train, Sealed, Wire-to-Wire
Application Tooling Part Link
63824-6300
Comments
See sales drawing for terminal information.
Overview
MXP120 Sealed Connector System
Polarization
A
Product Literature Order No
987650-7994
Product Name
MXP120 Sealed
UPC
889056518963
Physical
Circuits (maximum)
3
Color - Resin
Black
Gender
Plug
Glow-Wire Capable
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
SPS/Nylon
Net Weight
4.512/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
4.00mm
Pitch - Termination Interface
4.00mm
Polarized to Mating Part
Yes
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
13.0A
Material Info
Reference - Drawing Numbers
Application Specification
AS-34900-0001-001
Packaging Specification
PK-31301-898-001
Sales Drawing
SD-34899-2001-001, SD-34899-6001
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Not Relevant
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
34899 Series
Mates With
MXP120 Female Receptacle 34900
Use With
1.2 CB SWS from Tyco <br>For backshells,
contact Molex
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #


Similar Part No. - 0348993080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0348993081 MOLEX1-0348993081 Datasheet
43Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 3 Circuit
More results

Similar Description - 0348993080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0348993070 MOLEX1-0348993070 Datasheet
37Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 3 Circuit
0348993081 MOLEX1-0348993081 Datasheet
43Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 3 Circuit
0348993071 MOLEX1-0348993071 Datasheet
37Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 3 Circuit
0348994076 MOLEX1-0348994076 Datasheet
37Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 4 Circuit
0348994075 MOLEX1-0348994075 Datasheet
37Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot
0348994080 MOLEX1-0348994080 Datasheet
39Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 4 Circuit
0348994083 MOLEX1-0348994083 Datasheet
39Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 4 Circuit
0348992071 MOLEX1-0348992071 Datasheet
38Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 2 Circuit
0348994086 MOLEX1-0348994086 Datasheet
39Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 4 Circuit
0348992010 MOLEX1-0348992010 Datasheet
39Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 2 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com