Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0348992081 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0348992081
Description  MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 2 Circuit, Light Gray
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0348992081 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0348992081 Datasheet HTML 1Page - Molex Electronics Ltd. 0348992081 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Extraction Toolkit
for MXP120 Sealed
Connection System
0638246300
This document was generated on 04/02/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0348992081

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0348992080 MOLEX1-0348992080 Datasheet
37Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 2 Circuit, Black Housing T3-V2-S3), Backshell Interface Option 2, Key A
More results

Similar Description - 0348992081

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0348992071 MOLEX1-0348992071 Datasheet
38Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 2 Circuit
0348992010 MOLEX1-0348992010 Datasheet
39Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 2 Circuit
0348992070 MOLEX1-0348992070 Datasheet
38Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 2 Circuit
0348993070 MOLEX1-0348993070 Datasheet
37Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 3 Circuit
0348993081 MOLEX1-0348993081 Datasheet
43Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 3 Circuit
0348994076 MOLEX1-0348994076 Datasheet
37Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 4 Circuit
0348994075 MOLEX1-0348994075 Datasheet
37Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot
0348993071 MOLEX1-0348993071 Datasheet
37Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 3 Circuit
0348994080 MOLEX1-0348994080 Datasheet
39Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 4 Circuit
0348994083 MOLEX1-0348994083 Datasheet
39Kb / 2P
   MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot, 4 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com