Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2733EDN-T1-GE4 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2733EDN-T1-GE4
Description  0.3 Ω, Low Voltage Dual SPDT Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2733EDN-T1-GE4 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2733EDN-T1-GE4 Datasheet HTML 1Page - Vishay Siliconix DG2733EDN-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix DG2733EDN-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix DG2733EDN-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix DG2733EDN-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix DG2733EDN-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix DG2733EDN-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix DG2733EDN-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix DG2733EDN-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DG2535E, DG2733E
www.vishay.com
Vishay Siliconix
S17-0156-Rev. A, 30-Jan-17
5
Document Number: 75646
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Leakage Current vs. Temperature
Supply Current vs. Switching Frequency
Switching Threshold vs. Supply Voltage
Switching Time vs. Temperature
Insertion Loss, Off-Isolation Crosstalk vs. Frequency
Supply Current vs. VIN
100
1000
10 000
100 000
-40
-20
0
20406080
100
Temperature (
°C)
I
COM(ON)
I
NC(OFF)
I
COM(OFF)
V+= + 5 V
0.01
0.1
1
10
100
1000
10 000
Input Switching Frequency (Hz)
100K
10K
1000
100
10
1M
10M
V+ = +3.6V
T
A = +25°C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V+ - Supply Voltage (V)
V
IH = -40 °C
V
IL = 85 °C
-40
°C to +85 °C
0
5
10
15
20
25
30
35
40
-40
-20
0
20406080
100
Temperature (
°C)
V+ = +3.6 V
t
ON(NC)
t
ON(NO)
t
OFF(NO)
t
OFF(NC)
- 110
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
Frequency (Hz)
1M
10M
100M
1G
Loss
X
TALK
OIRR
V+ = +3V
R
L = 50 Ω
100K
10p
100p
1n
10n
100n
10μ
100μ
1m
10m
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
IN (V)
T = 25
°C
V+ = 4.3V
V+ = 2.0V
V+ = 3.6V
V+ = 3.0V


Similar Part No. - DG2733EDN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2733 VISHAY-DG2733 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
DG2733DN-T1-E4 VISHAY-DG2733DN-T1-E4 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
DG2733DQ-T1-E3 VISHAY-DG2733DQ-T1-E3 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
More results

Similar Description - DG2733EDN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
DG2735 VISHAY-DG2735 Datasheet
150Kb / 9P
   Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
Rev. B, 26-Feb-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
DG3535 VISHAY-DG3535_08 Datasheet
123Kb / 9P
   0.25-Ω Low-Voltage Dual SPDT Analog Switch
Rev. F, 30-Apr-07
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
   300-MHz, 2.5-Ω, Dual SPDT Analog Switches
Rev. C, 30-Apr-07
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com