Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQUW60-36S48NHS3 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCQUW60-36S48NHS3
Description  Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQUW60-36S48NHS3 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCQUW60-36S48NHS3 Datasheet HTML 1Page - Wall Industries,Inc. DCQUW60-36S48NHS3 Datasheet HTML 2Page - Wall Industries,Inc. DCQUW60-36S48NHS3 Datasheet HTML 3Page - Wall Industries,Inc. DCQUW60-36S48NHS3 Datasheet HTML 4Page - Wall Industries,Inc. DCQUW60-36S48NHS3 Datasheet HTML 5Page - Wall Industries,Inc. DCQUW60-36S48NHS3 Datasheet HTML 6Page - Wall Industries,Inc. DCQUW60-36S48NHS3 Datasheet HTML 7Page - Wall Industries,Inc. DCQUW60-36S48NHS3 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev A
DCQUW60 SERIES
Up to 60 Watts
Quarter Brick DC/DC Converter
Single Outputs
2/1/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 8
Standard Package
Heatsink Package (“HSx” Suffix)
Size: 1.45in x 2.28in x 0.50in (36.8mm x 57.9mm x 12.7mm)
Size: 1.45in x 2.28in x 1.01in (36.8mm x 57.9mm x 25.7mm)
OPTIONS
FEATURES
Ctrl & Pin
Heatsink
Through Hole (No Thread)
Ultra-Wide 8:1 & 10:1 Input Voltage Range
2250VDC Basic Insulation
3000VAC Reinforced Insulation
No Minimum Load Requirement
Low Standby Power
Remote On/Off
Optional Heatsink
Over Voltage, Over Load, Over Temperature, and Short
Circuit Protection
IEC/UL/EN60950-1 and IEC/UL/EN62368-1 Safety
Approvals (Pending)
EN50155 & EN45545-2 Railway Approvals (Pending)
APPLICATIONS
DESCRIPTION
Railway
Automation
Datacom
IPC
Industrial
Measurement
Telecom
The DCQUW60 series of quarter-brick DC/DC converters offers up to 60 watts of output power in a compact
1.45” x 2.28” x 0.50” package with optional heatsink. This series consists of single output models with an
ultra-wide 8:1 and 10:1 input voltage range. Each model in this series features low standby power, no
minimum load requirement, remote on/off, and 2250VDC basic insulation. This series also has over voltage,
over load, over temperature, and short circuit protection as well IEC/UL/EN60950-1 and IEC/UL/EN62368-1,
pending safety approvals and EN50155 and EN45545-2 pending railway approvals. Please contact factory
for ordering information.
MODEL SELECTION TABLE
Model Number(1)
Input Voltage
Range
Output Voltage
Full Load
Output Current
Ripple & Noise
Efficiency
Maximum
Capacitive Load
No Load Input
Current
Output
Power
DCQUW60-36S05
36VDC
(9~75VDC)
5VDC
12A
75mVp-p
90%
24000µF
20mA
Up to 60
Watts
DCQUW60-36S12
12VDC
5A
100mVp-p
89%
4200µF
DCQUW60-36S15
15VDC
4A
100mVp-p
89%
2700µF
DCQUW60-36S24
24VDC
2.5A
200mVp-p
90%
1100µF
DCQUW60-36S28
28VDC
2.15A
200mVp-p
90%
780µF
DCQUW60-36S48
48VDC
1.25A
300mVp-p
92%
260µF
DCQUW60-36S53
53VDC
1.14A
300mVp-p
90%
220µF
DCQUW60-72S05
72VDC
(16~160VDC)
5VDC
12A
75mVp-p
89%
24000µF
10mA
Up to 60
Watts
DCQUW60-72S12
12VDC
5A
100mVp-p
89%
4200µF
DCQUW60-72S15
15VDC
4A
100mVp-p
89%
2700µF
DCQUW60-72S24
24VDC
2.5A
200mVp-p
90%
1100µF
DCQUW60-72S28
28VDC
2.15A
200mVp-p
90%
780µF
DCQUW60-72S48
48VDC
1.25A
300mVp-p
90%
260µF
DCQUW60-72S53
53VDC
1.14A
300mVp-p
90%
220µF


Similar Part No. - DCQUW60-36S48NHS3

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DCQ MURATA-PS-DCQ Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
DCQ0150V2 MURATA-PS-DCQ0150V2 Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
logo
Wall Industries,Inc.
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05 WALL-DCQA100-12S05 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH WALL-DCQA100-12S05RH Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - DCQUW60-36S48NHS3

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCHBW150 WALL-DCHBW150_18 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com