Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2519EDN-T1-GE4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2519EDN-T1-GE4
Description  High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2519EDN-T1-GE4 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2519EDN-T1-GE4 Datasheet HTML 1Page - Vishay Siliconix DG2519EDN-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix DG2519EDN-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix DG2519EDN-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix DG2519EDN-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix DG2519EDN-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix DG2519EDN-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix DG2519EDN-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix DG2519EDN-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DG2519E
www.vishay.com
Vishay Siliconix
S17-0461-Rev. A, 03-Apr-17
4
Document Number: 78595
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RON vs. VCOM and Single Supply Voltage
RON vs. Analog Voltage and Temperature
RON vs. Analog Voltage and Temperature
Supply Current vs. Temperature
Positive Supply Current vs. Switching Frequency
Switching Time vs. Temperature
10
100
1000
10000
0
2
4
6
8
10
12
14
16
18
20
012345
Axis Title
V
COM - Analog Voltage (V)
2nd line
V+ = +1.8 V
V+ = +2.7 V
V+ = +3 V
V+ = +4.5 V
V+ = +5 V
I
S = 10 mA
10
100
1000
10000
1
2
3
4
5
6
7
0
0.5
1
1.5
2
2.5
3
Axis Title
V
COM - Analog Voltage (V)
2nd line
+85 °C
+25 °C
-40 °C
V+ = +2.7 V
I
S = 10 mA
10
100
1000
10000
0
1
2
3
4
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Axis Title
V
COM - Analog Voltage (V)
2nd line
+85 °C
+25 °C
-40 °C
V+ = +4.5 V
I
S = 10 mA
10
100
1000
10000
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
20406080
100
Axis Title
Temperature (°C)
2nd line
V+ = +2.7 V
V+ = +5.5 V
VIN/EN = V+
10
100
1000
10000
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
10
100
1000
10K
100K
1M
10M
Axis Title
VIN/EN Switching Frequency (Hz)
2nd line
V+ = +5 V
V+ = +2.7 V
10
100
1000
10000
10
15
20
25
30
35
-50
-25
0
255075
100
Axis Title
Temperature (°C)
2nd line
V+ = +3 V, t
ON
V+ = +3 V, t
OFF
V+ = +5 V, t
ON
V+ = +5 V, t
OFF


Similar Part No. - DG2519EDN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2511 VISHAY-DG2511 Datasheet
127Kb / 8P
   Low-Voltage, Low rON, Single Analog Switch In miniQFN-6 Package
Rev. B, 26-Feb-07
DG2511 VISHAY-DG2511 Datasheet
175Kb / 9P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
Rev. C, 23-May-11
DG2511 VISHAY-DG2511 Datasheet
178Kb / 10P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
01-Jan-2022
DG2511DN-T1-E4 VISHAY-DG2511DN-T1-E4 Datasheet
127Kb / 8P
   Low-Voltage, Low rON, Single Analog Switch In miniQFN-6 Package
Rev. B, 26-Feb-07
DG2511DN-T1-E4 VISHAY-DG2511DN-T1-E4 Datasheet
175Kb / 9P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
Rev. C, 23-May-11
More results

Similar Description - DG2519EDN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2016 VISHAY-DG2016_V01 Datasheet
134Kb / 8P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
01-Jan-2022
DG2016 VISHAY-DG2016_11 Datasheet
131Kb / 8P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. D, 13-Jun-11
DG2016 VISHAY-DG2016_08 Datasheet
110Kb / 7P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. C, 14-May-07
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 18-Aug-03
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 20-Jan-03
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Integrated Device Techn...
IDTUS4717 IDT-IDTUS4717 Datasheet
275Kb / 14P
   4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com