Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2032E Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2032E
Description  2.5 , High Bandwidth, Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2032E Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2032E Datasheet HTML 1Page - Vishay Siliconix DG2032E Datasheet HTML 2Page - Vishay Siliconix DG2032E Datasheet HTML 3Page - Vishay Siliconix DG2032E Datasheet HTML 4Page - Vishay Siliconix DG2032E Datasheet HTML 5Page - Vishay Siliconix DG2032E Datasheet HTML 6Page - Vishay Siliconix DG2032E Datasheet HTML 7Page - Vishay Siliconix DG2032E Datasheet HTML 8Page - Vishay Siliconix DG2032E Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DG2032E
www.vishay.com
Vishay Siliconix
S17-0462-Rev. A, 27-Mar-17
3
Document Number: 78604
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Room = 25 °C, Full = as determined by the operating suffix
b. Typical values are for design aid only, not guaranteed nor subject to production testing
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet
d. Guarantee by design, not subjected to production test
e. VIN = input voltage to perform proper function
f. Difference of min. and max. values
g. Guaranteed by 5 V testing
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (V+ = 5 V)
PARAMETER
SYMBOL
TEST CONDITIONS
OTHERWISE UNLESS SPECIFIED
V+ = 5 V, ± 10 %, VINL = 0.5 V, VINH = 2 V e
TEMP.
a
LIMITS
-40 °C to +85 °C
UNIT
MIN. c
TYP. b
MAX. c
Analog Switch
Analog signal range d
VANALOG
Full
0
-
V+
V
Drain-source on-resistance
RDS(on)
V+ = 4.5 V, VCOM = 0.8 V / 3.5 V; ICOM = 10 mA
Room
-
2.5
3.1
Full
-
-
4
On-resistance matching
R
DS(on)
V+ = 4.5 V, VCOM = 0.8 V / 2.5 V / 3.5 V,
ICOM = 10 mA
Room
-
0.01
0.4
Full
-
-
0.6
On-resistance flatness d, f
Rflat(on)
Room
-
0.61
1
Full
-
-
1.5
Off leakage current g
INC/NO(off)
V+ = 5.5 V, VNC/NO = 1 V / 4.5 V,
VCOM = 4.5 V / 1 V
Room
-2
0.15
2
nA
Full
-10
-
10
Channel-on leakage current g
ICOM(on)
V+ = 5.5 V, VCOM = VNC/NO = 1 V / 4.5 V
Room
-2
0.20
2
Full
-10
-
10
Power down leakage d
IPD
V+ = 0 V, VCOM = 5.5 V, NC/NO open
Full
-
0.01
5
μA
V+ = 0 V, VNC/NO = 5.5 V,
COM, open
Full
-
0.01
3
mA
Digital Control
Input current d
IINL or IINH
Full
-1
-
1
μA
Input high voltage d
VINH
Full
2
-
-
V
Input low voltage d
VINL
Full
-
-
0.5
Digital input capacitance d
CIN
Room
-
3
-
pF
Dynamic Characteristics
Turn-on time
tON
VNC/NO = 3 V, CL = 35 pF, RL = 300 
Room
-
13
40
ns
Full
-
-
43
Turn-off time
tOFF
Room
-
7
33
Full
-
-
35
Break-before-make time d
tBBM
Room
3
6
-
Full
2
-
-
Propagation delay d
tpd
V+ = 5 V, no RL
Room
-
380
-
ps
Charge injection d
QINJ
CL = 1 nF, Vgen = 2.5 V, Rgen = 0 
Room
-
-19.4
-
pC
Bandwidth d
BW
CL = 5 pF (set up capacitance)
Room
-
221
-
MHz
Off-isolation d
OIRR
RL = 50 , CL = 5 pF
f = 1 MHz
Room
-
-58
-
dB
f = 10 MHz
Room
-
-43
-
Channel-to-channel
crosstalk d
XTALK
RL = 50 , CL = 5 pF
f = 1 MHz
Room
-
-62
-
f = 10 MHz
Room
-
-47
-
NO, NC off capacitance d
CNO(off)
V+ = 5 V, f = 1 MHz
Room
-
7
-
pF
CNC(off)
Room
-
7
-
Channel-on capacitance d
CNO(on)
Room
-
23
-
CNC(on)
Room
-
23
-
Power Supply
Power supply range
V+
4.5
-
5.5
V
Power supply current d
I+
V+ = 5.5 V, VIN = 0 V or 5.5 V
Full
-
-
1
μA


Similar Part No. - DG2032E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 18-Aug-03
DG2032DN VISHAY-DG2032DN Datasheet
88Kb / 5P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 18-Aug-03
More results

Similar Description - DG2032E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2517 VISHAY-DG2517 Datasheet
616Kb / 7P
   3ohm, High Bandwidth, Dual SPDT Analog Switch
Rev. A, 11-Sep-06
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
   DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
logo
Vishay Siliconix
DG2517 VISHAY-DG2517_V01 Datasheet
187Kb / 10P
   3-廓, High Bandwidth, Dual SPDT Analog Switch
01-Jan-2022
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 18-Aug-03
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
logo
Vishay Siliconix
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
   3-Ω, High Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 20-Jan-03
logo
ON Semiconductor
NLAS4717 ONSEMI-NLAS4717 Datasheet
96Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
April, 2006 ??Rev. 8
logo
Will Semiconductor Ltd.
WAS4717Q WILLSEMI-WAS4717Q Datasheet
1Mb / 9P
   660MHz Bandwidth, 3ohm Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com