Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQUW60-72S28NHS2 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCQUW60-72S28NHS2
Description  Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQUW60-72S28NHS2 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCQUW60-72S28NHS2 Datasheet HTML 1Page - Wall Industries,Inc. DCQUW60-72S28NHS2 Datasheet HTML 2Page - Wall Industries,Inc. DCQUW60-72S28NHS2 Datasheet HTML 3Page - Wall Industries,Inc. DCQUW60-72S28NHS2 Datasheet HTML 4Page - Wall Industries,Inc. DCQUW60-72S28NHS2 Datasheet HTML 5Page - Wall Industries,Inc. DCQUW60-72S28NHS2 Datasheet HTML 6Page - Wall Industries,Inc. DCQUW60-72S28NHS2 Datasheet HTML 7Page - Wall Industries,Inc. DCQUW60-72S28NHS2 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev A
DCQUW60 SERIES
Up to 60 Watts
Quarter Brick DC/DC Converter
Single Outputs
2/1/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 8
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Operating Input Voltage Range
36Vin Nominal Input
9
36
75
VDC
72Vin Nominal Input
16
72
160
Start-Up Voltage
36Vin Nominal Input
9
VDC
72Vin Nominal Input
16
Shutdown Voltage
36Vin Nominal Input
7.3
8.1
VDC
72Vin Nominal Input
10
12
Input Transient Voltage
100mS max.
36Vin Nominal Input
8.1
VDC
72Vin Nominal Input
12
Input Surge Voltage
1 Second, max.
36Vin Nominal Input
100
VDC
72Vin Nominal Input
185
Input Filter(2)
Pi Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low Line to High Line at Full Load
-0.1
+0.1
%
Load Regulation
No Load to Full Load
-0.1
+0.1
%
Voltage Adjustability
Maximum output deviation is inclusive of remote sense
-20
+10
%
Remote Sense(3)
% of Vout(nom)
10
%
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz bandwidth)
With a 1µF/25V X7R MLCC & 22µF/25V POS-CAP
5Vout
75
mVp-p
With a 22µF/25V X7R MLCC
12Vout, 15Vout
100
With a 4.7µF/50V X7R MLCC
24Vout, 28Vout
200
With a 2.2µF/100V X7R MLCC
48Vout, 53Vout
300
Transient Response Recovery Time
25% Load step change
250
µs
Start-Up Time
Constant resistive load
Power Up
75
100
ms
Remote On/Off
75
100
Temperature Coefficient
-0.02
+0.02
%/ºC
REMOTE ON/OFF CONTROL(4)
Positive Logic
DC-DC ON
Open or 3~12VDC
DC-DC OFF
Short or 0~1.2VDC
Negative Logic (Option)
Short or 0~1.2VDC
Open or 3~12VDC
Input Current of CTRL Pin
-0.5
1
mA
Remote OFF Input Current
3
mA
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
% of Iout rated; Hiccup Mode
120
140
%
Over Voltage Protection
% of Vout(nom); Hiccup Mode
120
135
%
Over Temperature Protection
+110
ºC
ENVIRONMENTAL SPECIFICATIONS
Operating Base-Plate Temperature
With Derating
-40
+105
ºC
Storage Temperature
-55
+125
ºC
Maximum Case Temperature
+105
ºC
Relative Humidity
5
95
%RH
Thermal Impedance
DC/DC Module
8.27
ºC/W
Only Mount on the Iron Base-Plate
2.43
Heat-Sink Type with 0.24” Height
7.40
Heat-Sink Type, with 0.5” Height
6.16
Thermal Shock
EN61373, MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
MTBF
MIL-HDBK-217F, Full Load
738,100
Hours


Similar Part No. - DCQUW60-72S28NHS2

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DCQ MURATA-PS-DCQ Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
DCQ0150V2 MURATA-PS-DCQ0150V2 Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
logo
Wall Industries,Inc.
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05 WALL-DCQA100-12S05 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH WALL-DCQA100-12S05RH Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - DCQUW60-72S28NHS2

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCHBW150 WALL-DCHBW150_18 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com