Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG1409E Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG1409E
Description  3.9 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG1409E Datasheet(HTML) 3 Page - Vishay Siliconix

  DG1409E Datasheet HTML 1Page - Vishay Siliconix DG1409E Datasheet HTML 2Page - Vishay Siliconix DG1409E Datasheet HTML 3Page - Vishay Siliconix DG1409E Datasheet HTML 4Page - Vishay Siliconix DG1409E Datasheet HTML 5Page - Vishay Siliconix DG1409E Datasheet HTML 6Page - Vishay Siliconix DG1409E Datasheet HTML 7Page - Vishay Siliconix DG1409E Datasheet HTML 8Page - Vishay Siliconix DG1409E Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DG1408E, DG1409E
www.vishay.com
Vishay Siliconix
S17-0198-Rev. B, 06-Feb-17
3
Document Number: 76516
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 15 V, V- = -15 V
VAX, VEN = 2 V, 0.8 V
+25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
MIN. /
TYP. /
MAX.
UNIT
Analog Switch
Analog signal range
VANALOG
V- to V+
-
V
Drain-source
On-resistance
RDS(on)
VS = ± 10 V, IS = -10 mA,
V+ = +13.5 V, V- = -13.5 V
3.9
-
-
Typ.
4.2
5.1
6.1
Max.
On-resistance flatness
Rflat(on)
0.59
-
-
Typ.
0.7
0.9
1.1
Max.
On-resistance matching
R
DS(on)
0.27
-
-
Typ.
0.4
0.8
1
Max.
Source off leakage current
IS(off)
V+ = +16.5 V, V- = -16.5 V,
VS = ± 10 V, VD = ± 10 V
± 0.027
-
-
Typ.
nA
± 0.55
± 1
± 10
Max.
Drain off leakage current
ID(off)
± 0.018
-
-
Typ.
± 0.45
± 2
± 20
Max.
Drain on leakage current
ID(on)
V+ = +16.5 V, V- = -16.5 V,
VS = VD = ± 10 V
± 0.05
-
-
Typ.
± 1.5
± 4
± 35
Max.
Digital Control
Input, high voltage
VINH
--
2
Min.
V
Input, low voltage
VINL
--
0.8
Max.
Input leakage
IIN
VIN = VGND or V+
0.016
-
-
Typ.
μA
--
± 0.1
Max.
Digital input capacitance
CIN
3.1
-
-
Typ.
pF
Dynamic Characteristics
Transition time
tTRANS
VS1 = +10 V / -10 V, VS8 = -10 V / +10 V,
RL = 100 , CL = 35 pF
133
-
-
Typ.
ns
180
214
245
Max.
Break-before-make time
tOPEN
VS1= VS8 = 10 V,
RL= 100 , CL = 35 pF
29
-
-
Typ.
--
10
Min.
Enable turn-on time
tON(EN)
VS1 = 10 V, VS2 - VS8 = 0 V,
RL = 100 , CL = 35 pF
100
-
-
Typ.
130
160
185
Max.
Enable turn-off time
tOFF(EN)
75
-
-
Typ.
105
120
140
Max.
Charge injection
QINJ
CINJ = 1 nF,
RGEN = 0 , VS = 0 V
DG1408E
-31
-
-
Typ.
pC
DG1409E
-103
-
-
Off isolation
OIRR
CL = 5 pF, RL = 50 , 1 MHz
-58
-
-
Typ.
dB
Cross talk
XTALK
-64
-
-
Total harmonic distortion + N
THD + N
RL = 100 , 15 Vp-p,
f = 20 Hz to 20 kHz
0.025
-
-
Typ.
%
-3dB, bandwidth
BW
RL = 50 
DG1408E
55
-
-
Typ.
MHz
DG1409E
90
-
-
Source off capacitance
CS(off)
f = 1 MHz, VS = 0 V
13
-
-
Typ.
pF
Drain off capacitance
CD(off)
DG1408E
85
-
-
Typ.
DG1409E
43
-
-
Drain on capacitance
CD(on)
DG1408E
104
-
-
Typ.
DG1409E
70
-
-
Power Supply
Power supply range
GND = 0 V
± 4.5 / ± 16.5
Min. / Max.
V
Positive supply current
I+
VAX, VEN = 0 V, 5 V, V+,
V+ = +16.5 V, V- = -16.5 V
3.4
3.8
4
Typ.
μA
--
10
Max.
Negative supply current
I-
VAX, VEN = 0 V, V+,
V+ = +16.5 V, V- = -16.5 V
0.0002
0.0085
0.33
Typ.
--
1
Max.


Similar Part No. - DG1409E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1409 VISHAY-DG1409 Datasheet
254Kb / 14P
   3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
Rev. B, 22-Sep-14
DG1409 VISHAY-DG1409 Datasheet
263Kb / 14P
   3.2 廓, 8-Channel / Dual 4-Channel, 짹 15 V, 12 V, 짹 5 V Precision Multiplexers
01-Jan-2022
More results

Similar Description - DG1409E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1408 VISHAY-DG1408 Datasheet
254Kb / 14P
   3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
Rev. B, 22-Sep-14
DG1408 VISHAY-DG1408_V01 Datasheet
263Kb / 14P
   3.2 廓, 8-Channel / Dual 4-Channel, 짹 15 V, 12 V, 짹 5 V Precision Multiplexers
01-Jan-2022
logo
Analog Devices
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
   4- and 8-Channel -15 V/12 V Multiplexers
REV. 0
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
   4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
logo
Vishay Siliconix
DG9409E VISHAY-DG9409E_V01 Datasheet
327Kb / 15P
   3.2 ?? Fast Switching Speed, 12 V / 5 V / 3 V / 짹 5 V, 4- / 8-Channel Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com