Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG613E Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG613E
Description  1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG613E Datasheet(HTML) 1 Page - Vishay Siliconix

  DG613E Datasheet HTML 1Page - Vishay Siliconix DG613E Datasheet HTML 2Page - Vishay Siliconix DG613E Datasheet HTML 3Page - Vishay Siliconix DG613E Datasheet HTML 4Page - Vishay Siliconix DG613E Datasheet HTML 5Page - Vishay Siliconix DG613E Datasheet HTML 6Page - Vishay Siliconix DG613E Datasheet HTML 7Page - Vishay Siliconix DG613E Datasheet HTML 8Page - Vishay Siliconix DG613E Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DG611E, DG612E, DG613E
www.vishay.com
Vishay Siliconix
S17-0578-Rev. A, 24-Apr-17
1
Document Number: 78910
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
DESCRIPTION
The
DG611E,
DG612E,
and
DG613E
contain
four
independently
selectable
SPST
switches.
They
offer
improved performance over the industry standard DG611
series. The DG611E and DG612E have all switches normally
closed and normally open respectively, while the DG613E
has 2 normally open and 2 normally closed switches.
They are designed to operate from a 3 V to 12 V single
supply or from ± 3 V to ± 5 V dual supplies and are fully
specified at +3 V, +5 V and ± 5 V. All control logic inputs
have guaranteed 2 V logic high limits when operating from
+5 V or ± 5 V supplies and 1.4 V when operating from a
+3 V supply.
The DG611E, DG612E, and DG613E switches conduct
equally well in both directions and offer rail to rail analog
signal handling.
1.4 pC low charge injection, coupled with very low switch
capacitance: 3 pF, fast switching speed: ton/toff 23 ns/14 ns
and excellent 3 dB bandwidth: 1 GHz, make these products
ideal
for
precision
instrumentation,
high-end
data
acquisition, automated test equipment and high speed
communication applications.
Operation temperature is specified from -40 °C to +125 °C.
The DG611E, DG612E, and DG613E are available in 16 lead
SOIC, TSSOP and the space saving 1.8 mm x 2.6 mm
miniQFN packages.
FEATURES
• Low charge injection (1.4 pC typ.)
• Leakage current < 0.25 nA at 85 °C
• Low switch capacitance (Csoff 3 pF typ.)
•Low RDS(on) - 115  max.
• Fully specified with single supply operation at
3 V, 5 V, and dual supplies at ± 5 V
• Low voltage, 2.5 V CMOS/TTL compatible
• 1 GHz, 3 dB bandwidth
• Excellent isolation performance (-59 dB at 10 MHz)
• Excellent crosstalk performance (-74 dB at 10 MHz)
• Fully specified from -40 °C to +85 °C and -40 °C to +125 °C
• 16 lead SOIC, TSSOP and miniQFN package
(1.8 mm x 2.6 mm)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Precision instrumentation
• Medical instrumentation
• Automated test equipment
• High speed communications applications
• High-end data acquisition
• Sample and hold applications
• Sample and hold systems
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
LOGIC
DG611E
DG612E
0On
Off
1Off
On
DG611E
SOIC/TSSOP
Top View
S2
V+
NC
S3
IN3 D3
D4 IN4
IN2 D2
D1 IN1
S1
V-
GND
S4
1
2
3
4
5
6
8
7
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
NC
S4
S3
D4
D3
IN4
IN3
DG611E
miniQFN
Pin 1
Device Marking: Txx for DG611E
(miniQFN16)
Uxx for DG612E
Vxx for DG613E
xx = Date/Lot Traceability Code
Txx


Similar Part No. - DG613E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG613E VISHAY-DG613E Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG613EEN-T1-GE4 VISHAY-DG613EEN-T1-GE4 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG613EEQ-T1-GE4 VISHAY-DG613EEQ-T1-GE4 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG613EEY-T1-GE4 VISHAY-DG613EEY-T1-GE4 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
More results

Similar Description - DG613E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
   Low Charge Injection and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com