Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG613E Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG613E
Description  1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG613E Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG613E Datasheet HTML 4Page - Vishay Siliconix DG613E Datasheet HTML 5Page - Vishay Siliconix DG613E Datasheet HTML 6Page - Vishay Siliconix DG613E Datasheet HTML 7Page - Vishay Siliconix DG613E Datasheet HTML 8Page - Vishay Siliconix DG613E Datasheet HTML 9Page - Vishay Siliconix DG613E Datasheet HTML 10Page - Vishay Siliconix DG613E Datasheet HTML 11Page - Vishay Siliconix DG613E Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DG611E, DG612E, DG613E
www.vishay.com
Vishay Siliconix
S17-0578-Rev. A, 24-Apr-17
8
Document Number: 78910
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Leakage Current vs. Temperature
Leakage Current vs. Temperature
Supply Current vs. Temperature
Leakage Current vs. Temperature
Switching Time vs. Temperature
Supply Current vs. Temperature
10
100
1000
10000
-500
-400
-300
-200
-100
0
100
200
300
400
500
-40 -20
0
20406080 100 120
Axis Title
Temperature (°C)
2nd line
ID(OFF),VD = 3 V, VS = 0.3 V
ID(ON),VD = 3 V
IS(OFF),VD = 0.3 V, VS = 3 V
IS(OFF),VD = 3 V, VS = 0.3 V
ID(ON),VD = 0.3 V
ID(OFF),VD = 0.3 V, VS = 3 V
V+ = +3.3 V
10
100
1000
10000
-500
-400
-300
-200
-100
0
100
200
300
400
500
-40 -20
0
20406080 100 120
Axis Title
Temperature (°C)
2nd line
ID(OFF),VD = 4.5 V, VS = 1 V
ID(ON),VD = 4.5 V
IS(OFF),VD = 1 V, VS = 4.5 V
IS(OFF),VD = 4.5 V, VS = 1 V
ID(ON),VD = 1 V
ID(OFF),VD = 1 V, VS = 4.5 V
V+ = +5.5 V
10
100
1000
10000
0
50
100
150
200
250
300
350
-40 -20
0
20406080 100 120 140
Axis Title
Temperature (°C)
2nd line
V+ = +5 V
VIN = V+ or GND
10
100
1000
10000
-700
-500
-300
-100
100
300
500
700
-40
-20
0
20406080
100 120
Axis Title
Temperature (°C)
2nd line
I
D(OFF),VD = 4.5 V, VS =-4.5 V
I
D(ON),VD = 4.5 V
I
S(OFF),VD = -4.5 V, VS = 4.5 V
I
S(OFF),VD = 4.5 V, VS =-4.5 V
I
D(ON),VD =-4.5 V
I
D(OFF),VD = -4.5 V, VS = 4.5 V
V± = ± 5.5 V
10
100
1000
10000
0
20
40
60
80
-50
0
50
100
150
Axis Title
Temperature (°C)
2nd line
V± = ± 5 V, tON
V± = ± 5 V, tOFF
V+ = +5 V, tON
V+ = +5 V, tOFF
10
100
1000
10000
60
70
80
90
100
-40 -20
0
20406080
100 120 140
Axis Title
Temperature (°C)
2nd line
V+ = +5 V
VIN = 2.5 V


Similar Part No. - DG613E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG613E VISHAY-DG613E Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG613EEN-T1-GE4 VISHAY-DG613EEN-T1-GE4 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG613EEQ-T1-GE4 VISHAY-DG613EEQ-T1-GE4 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG613EEY-T1-GE4 VISHAY-DG613EEY-T1-GE4 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
More results

Similar Description - DG613E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
   Low Charge Injection and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com