Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG613E Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG613E
Description  1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG613E Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG613E Datasheet HTML 2Page - Vishay Siliconix DG613E Datasheet HTML 3Page - Vishay Siliconix DG613E Datasheet HTML 4Page - Vishay Siliconix DG613E Datasheet HTML 5Page - Vishay Siliconix DG613E Datasheet HTML 6Page - Vishay Siliconix DG613E Datasheet HTML 7Page - Vishay Siliconix DG613E Datasheet HTML 8Page - Vishay Siliconix DG613E Datasheet HTML 9Page - Vishay Siliconix DG613E Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DG611E, DG612E, DG613E
www.vishay.com
Vishay Siliconix
S17-0578-Rev. A, 24-Apr-17
6
Document Number: 78910
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. VIN = input voltage to perform proper function
b. Room = 25 °C, Full = as determined by the operating temperature suffix
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet
e. Guaranteed by design, not subject to production test
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS FOR SINGLE SUPPLIES (V+ = +3 V, V- = 0 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V + = +3 V, V - = - 0 V
VIN = 1.4 V, 0.6 V a
TEMP. b
LIMITS
UNIT
TYP. c
-40 °C to +125 °C
-40 °C to +85 °C
MIN. d
MAX. d
MIN. d
MAX. d
Analog Switch
Analog signal range e
VANALOG
Full
-
0
3
0
3
V
Drain source
On-resistance
RDS(on)
IS = 1 mA, VD = +1.5 V
Room
305
-
420
-
420
Full
-
-
600
-
500
Switch off
leakage current
IS(off)
V+ = 3.3 V, V- = 0 V
VD = 3 V / 0.3 V
VS = 0.3 V / 3 V
Room
±
0.0005
-0.1
0.1
-0.1
0.1
nA
Full
-
-2
2
-0.25
0.25
ID(off)
Room
± 0.006
-0.1
0.1
-0.1
0.1
Full
-
-2
2
-0.25
0.25
Switch on
leakage current
ID(on)
V+ = 3.3 V, V- = 0 V
VD = VS = 0.3 V / 3 V
Room
± 0.008
-0.1
0.1
-0.1
0.1
Full
-
-6
6
-0.25
0.25
Digital Control
Input current, VIN low
IIL
VIN under test = 0.6 V
Full
0.01
-0.1
0.1
-0.1
0.1
μA
Input current, VIN high
IIH
VIN under test = 1.4 V
Full
0.01
-0.1
0.1
-0.1
0.1
Input capacitance e
CIN
f = 1 MHz
Room
4
-
-
-
-
pF
Dynamic Characteristics
Turn-on time
tON
RL = 300 , CL = 35 pF
VS = 2 V
Room
76
-
115
-
115
ns
Full
-
-
180
-
155
Turn-off time
tOFF
Room
31
-
58
-
58
Full
-
-
65
-
60
Break-before-make
time delay
tBBM
DG613 only, VS = 2 V
RL = 300 , CL = 35 pF
Room
60
-
-
-
-
Full
-
10
-
10
-
Charge injection e
QINJ
Vg = 0 V, Rg = 0 , CL = 1 nF
Room
1.4
-
-
-
-
pC
Off isolation e
OIRR
RL = 50 , CL = 5 pF
f = 10 MHz
Room
-59
-
-
-
-
dB
Channel-to-channel
crosstalk e
XTALK
Room
-71
-
-
-
-
Bandwidth e
BW
RL = 50 , CL = 5 pF
Room
830
-
-
-
-
MHz
Source off capacitance e
CS(off)
f = 1 MHz; VS = 0 V
Room
3
-
-
-
-
pF
Drain off capacitance e
CD(off)
Room
4
-
-
-
-
Drain on capacitance e
CD(on)
f = 1 MHz; VS = VD = 0 V
Room
7
-
-
-
-
Power Supplies
Power supply current
I+
VIN = 0 V or 3 V
Room
0.001
-
0.1
-
0.1
μA
Full
-
-
1
-
1
Negative supply
current
I-
Room
-0.001
-0.1
-
-0.1
-
Full
-
-1
-
-1
-
Ground current
IGND
Room
-0.001
-0.1
-
-0.1
-
Full
-
-1
-
-1
-


Similar Part No. - DG613E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG613E VISHAY-DG613E Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG613EEN-T1-GE4 VISHAY-DG613EEN-T1-GE4 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG613EEQ-T1-GE4 VISHAY-DG613EEQ-T1-GE4 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG613EEY-T1-GE4 VISHAY-DG613EEY-T1-GE4 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
More results

Similar Description - DG613E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
   Low Charge Injection and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com