Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG509A-MIL Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG509A-MIL
Description  Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG509A-MIL Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG509A-MIL Datasheet HTML 3Page - Vishay Siliconix DG509A-MIL Datasheet HTML 4Page - Vishay Siliconix DG509A-MIL Datasheet HTML 5Page - Vishay Siliconix DG509A-MIL Datasheet HTML 6Page - Vishay Siliconix DG509A-MIL Datasheet HTML 7Page - Vishay Siliconix DG509A-MIL Datasheet HTML 8Page - Vishay Siliconix DG509A-MIL Datasheet HTML 9Page - Vishay Siliconix DG509A-MIL Datasheet HTML 10Page - Vishay Siliconix DG509A-MIL Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DG508A_MIL/509A_MIL
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-10
Document Number: 70067
S-00405—Rev. C, 21-Feb-00
APPLICATIONS
(Multiplexer On-Off Control)
Analog
Inputs
(Outputs)
CLOCK
IN
NC
ENABLE
IN
Analog
Output
(Input)
DG508A_MIL
D
EN
DM7493
+15 V
GND
+5 V
Analog
Inputs
(Outputs)
Analog
Output
(Input)
+15 V
–15 V
DG509A_MIL
EN
GND
V+
V–
Differential
Differential
CLOCK
IN
NC
ENABLE
Q
GND
+5 V
NC
Q
RESET
J
K
CLK
J
K
CLK
CLEAR
CLEAR
1/2 MM74C73
1/2 MM74C73
S1
S8
A0
A1
A2
QB
QC
QD
QA
r01 r02
S1a
S4a
S1b
S4b
Da
Db
A0
A1
Q
Q
FIGURE 11. 8-Channel Sequential Multiplexer/ Demultiplexer
FIGURE 12. Differential 4-Channel Sequential Multiplexer/ Demultiplexer
+15 V
–15 V
GND
V+
V–


Similar Part No. - DG509A-MIL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG509A INTERSIL-DG509A Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG509A MAXIM-DG509A Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
DG509AAK MAXIM-DG509AAK Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
logo
Vishay Siliconix
DG509AAK VISHAY-DG509AAK Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
logo
Maxim Integrated Produc...
DG509AAK MAXIM-DG509AAK Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
More results

Similar Description - DG509A-MIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG506A-MIL VISHAY-DG506A-MIL Datasheet
93Kb / 8P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Rev. D, 21-Feb-00
DG506AMIL VISHAY-DG506AMIL Datasheet
142Kb / 9P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Rev. D, 21-Feb-00
DG506A_MIL VISHAY-DG506A_MIL_V01 Datasheet
142Kb / 9P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
18-Jul-08
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com