Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQUW60-36S24LHS1 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCQUW60-36S24LHS1
Description  Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQUW60-36S24LHS1 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCQUW60-36S24LHS1 Datasheet HTML 1Page - Wall Industries,Inc. DCQUW60-36S24LHS1 Datasheet HTML 2Page - Wall Industries,Inc. DCQUW60-36S24LHS1 Datasheet HTML 3Page - Wall Industries,Inc. DCQUW60-36S24LHS1 Datasheet HTML 4Page - Wall Industries,Inc. DCQUW60-36S24LHS1 Datasheet HTML 5Page - Wall Industries,Inc. DCQUW60-36S24LHS1 Datasheet HTML 6Page - Wall Industries,Inc. DCQUW60-36S24LHS1 Datasheet HTML 7Page - Wall Industries,Inc. DCQUW60-36S24LHS1 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev A
DCQUW60 SERIES
Up to 60 Watts
Quarter Brick DC/DC Converter
Single Outputs
2/1/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 8
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
180
kHz
Isolation Voltage
36Vin
Nominal Input
1 Minute
(Basic Insulation)
Input to Output
2250
VDC
Input (Output) to Base-Plate
1600
72Vin
Nominal Input
1 Minute
(Reinforced Insulation)
Input to Output
3000
VAC
Input (Output) to Base-Plate
1500
Isolation Resistance
500VDC
1
G
Isolation Capacitance
1000
pF
PHYSICAL SPECIFICATIONS
Weight
2.26oz (64g)
Dimensions (L x W x H)
Standard Package
1.45in x 2.28in x 0.50in
(36.8mm x 57.9mm x 12.7mm)
Heatsink Option 1 (“HS” Suffix) & Option 3 (“HS2” Suffix)
1.45in x 2.28in x 0.75in
(36.8mm x 57.9mm x 19.1mm)
Heatsink Option 2 (“HS1” Suffix) & Option 4 (“HS3” Suffix)
1.45in x 2.28in x 1.01in
(36.8mm x 57.9mm x 25.7mm)
Case Material
Aluminum Base-Plate with Plastic Case
Potting Material
Silicone (UL94 V-0)
SAFETY CHARACTERISTICS
Safety Approvals (Pending)
IEC/UL/EN60950-1
IEC/UL/EN62368-1
Railway
EN50155
EN45545-2
EMI(5)
EN55011, EN55032 with External Components
Class A, Class B
ESD
EN61000-4-2
Air ±8kV and Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
20V/m
Perf. Criteria A
Fast Transient(6)
EN61000-4-4
±2kV
Perf. Criteria A
Surge(6)
EN61000-4-5
EN55024: ±1kV
EN50155: ±2kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10Vr.m.s
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-8
100A/m continuous; 1000A/m 1 second
Perf. Criteria A
NOTES
1.
Several options available for this series that change product model number. See Model Number Setup for more information.
2.
Input source impedance: The power module will operate as specified without external components, assuming that the source voltage has a very
low impedance and reasonable input voltage regulation. Highly inductive source impedances can affect the stability of the power module. Since
real-world voltage source has finite impedance, performance can be improved by adding an external filter capacitor.
-Recommended filter for 36Vin Nominal Input Models: Nippon Chemi-con KY series, 220µF/100V.
-Recommended filter for 72Vin Nominal Input Models: Nippon Chemi-con KXJ series, 150µF/200V.
3.
If remote sense is not being used, SENSE pins should be connected to corresponding polarity OUTPUT pins.
4.
Referred to –Vin pin
5.
BASE-PLATE GROUNDING: when two screw bolts are connected to shield plane, EMI could be reduced
6.
With 2pcs of aluminum electrolytic capacitor:
-Recommended for 36Vin Nominal Input Models: Nippon Chemi-con KY series, 220µF/100V
-Recommended for 72Vin Nominal Input Models: Nippon Chemi-con KXJ series, 150µF/200V
CAUTION: This power module is not internally fused. An input line fuse must always be used.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - DCQUW60-36S24LHS1

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DCQ MURATA-PS-DCQ Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
DCQ0150V2 MURATA-PS-DCQ0150V2 Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
logo
Wall Industries,Inc.
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05 WALL-DCQA100-12S05 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH WALL-DCQA100-12S05RH Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - DCQUW60-36S24LHS1

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCHBW150 WALL-DCHBW150_18 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com