Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POS-150+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # POS-150+
Description  VOLTAGE CONTROLLED OSCILLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

POS-150+ Datasheet(HTML) 1 Page - Mini-Circuits

  POS-150+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MINI-CIRCUITS DESIGNER'S KITS
THE SOLUTION !
VOLTAGE CONTROLLED OSCILLATORS
Designer's Kit K-POS-1+
RF/IF MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
®
ISO 9001 ISO 14001 CERTIFIED
only
12495
Model
Freq.
Power
Tuning
Phase Noise
Pulling
Pushing
Tuning
Harmonics
3dB
DC
(MHz)
Output
Voltage
dBc/Hz SSB at offset
pk-pk
(MHz/V ) Sensitivity
(dBc)
Modulation Operating
(dBm )
( V )
frequencies:
@12 dBr
(MHz/V )
Bandwidth
Power
Typ.
(MHz)
(MHz)
Curent
Vcc
( mA )
Min. Max.
Typ.
Min. Max. 1kHz 10kHz 100kHz 1MHz
Typ.
Typ.
Typ.
Typ. Max.
Typ.
( Volts ) Max.
POS-50+
25-50
+8.5
1
16
-88
-110
-130
-150
0.06
0.04
2.0-2.6
-19
-12
0.1
12
20
POS-75+
37.5-75
+8.0
1
16
-87
-110
-130
-150
0.15
0.11
3.1-3.8
-27
-16
0.1
12
20
POS-100+
50-100
+8.3
1
16
-83
-107
-130
-150
0.60
0.20
4.2-4.8
-23
-18
0.1
12
20
POS-150+
75-150
+9.5
1
16
-80
-103
-127
-147
0.80
0.30
5.8-6.7
-23
-17
0.1
12
20
POS-200+
100-200
+10.0
1
16
-80
-102
-122
-142
1.00
0.20
7.1-8.6
-24
-20
0.1
12
20
POS-300+
150-280
+10.0
1
16
-78
-100
-120
-140
1.80
0.30
9.5-13
-30
-20
0.1
12
20
POS-400+
200-380
+9.5
1
16
-76
-98
-120
-140
1.80
0.30
13.7-16.9
-28
-20
0.1
12
20
POS-535+
300-525
+8.8
1
16
-70
-93
-116
-139
2.00
0.40
10.5-24.0
-26
-20
0.1
12
20
POS-765+
485-765
+9.5
1
16
-61
-85
-108
-129
5.00
0.40
18.0-27.0
-21
-17
0.1
12
22
POS-1025+
685-1025
+9.0
1
16
-65
-84
-104
-124
5.00
0.60
21.0-36.0
-23
-18
0.1
12
22
$
Kit K-POS-1+ Electrical specifications of each model
ea. kit (10 models, 1of each, 10 total)
25 to 1025MHz
POS+ Features
Wideband, 50
Octave & near octave
bandwidths
Linear tuning
Low phase noise
Excellent harmonic
suppression
Plug-In package
Tough metal case
Hermetically sealed
Low cost
o S
COMPLIANT
All models are
RoHS compliant
REV. OR
M105229
K-POS-1+


Similar Part No. - POS-150+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
POS-150++ MINI-POS-150+ Datasheet
234Kb / 2P
   Voltage Controlled Oscillator
More results

Similar Description - POS-150+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN74LS628DR TI-SN74LS628DR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
VCO-S-A12 SYNERGY-VCO-S-A12 Datasheet
158Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VFC180SA SYNERGY-VFC180SA Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
CRO617SA SYNERGY-CRO617SA Datasheet
167Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Mini-Circuits
K-JTOS-3 MINI-K-JTOS-3 Datasheet
249Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com