Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL128P Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # S25FL128P
Description  128-Mbit, 3.0 V Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128P Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button S25FL128P Datasheet HTML 14Page - Cypress Semiconductor S25FL128P Datasheet HTML 15Page - Cypress Semiconductor S25FL128P Datasheet HTML 16Page - Cypress Semiconductor S25FL128P Datasheet HTML 17Page - Cypress Semiconductor S25FL128P Datasheet HTML 18Page - Cypress Semiconductor S25FL128P Datasheet HTML 19Page - Cypress Semiconductor S25FL128P Datasheet HTML 20Page - Cypress Semiconductor S25FL128P Datasheet HTML 21Page - Cypress Semiconductor S25FL128P Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Document Number: 002-00646 Rev. *M
Page 19 of 45
S25FL128P
11.4
Read Manufacturer and Device ID (READ_ID: 90h)
11.4.1
Serial Mode
The READ_ID (90h) instruction identifies the Device Manufacturer ID and the Device ID. The instruction is initiated by driving the
CS# pin low and shifting in (via the SI input pin) the instruction code “90h” followed by a 24-bit address of XXXXX0h. (X: High or
Low) Following this, the Manufacturer ID and the Device ID are shifted out on SO output pin starting after the falling edge of the SCK
serial clock input signal. The Manufacturer ID and the Device ID are always shifted out on the SO output pin with the MSB first, as
shown in Figure 11.6. If the 24-bit address is set to XXXXX1h, then the Device ID is read out first followed by the Manufacturer ID.
Note that the upper 23 bits of the address do not have to be 0’s and can be don’t cares. Once the device is in READ_ID mode, the
Manufacturer ID and Device ID output data toggles between address 000000H and 000001H until terminated by a low to high
transition on the CS# input pin. After the first 24-bit address is provided, the user must wait 16 clock cycles for both the Manufacturer
ID and Device ID to be output on the SO output pin. The maximum clock frequency for the READ_ID (90h) command is at 104MHz
(Fast Read). Parallel Mode the maximum clock frequency is 10 MHz.
The Manufacturer ID & Device ID is output continuously until terminated by a low to high transition on CS# chip select input pin.
After issuing READ_ID instruction, driving the CS# chip select input pin to the logic high state will automatically send the device into
the standby mode. Driving the CS# chip select input pin to the logic low state again will automatically send the device out of the
standby mode and into the active mode.
Figure 11.6 Serial READ_ID Instruction Sequence
Table 11.1 Manufacturer & Device Identification, RDID (9Fh)
Device
Manufacturer Identification
Device Identification
Extended Device Identification
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Uniform 256 KB Sector
01h
20h
18h
03h
00h
Uniform 64 KB Sector
01h
20h
18h
03h
01h
CS#
SCK
SI
SO
High Impedance
24-Bit Address
High Impedance
Instruction
90h
01234567
23
22
21
20
19
18
17
16
8
9
10
11
12
13
14
15
15
14
13
12
11
10
9
8
16
17
18
19
20
21
22
23
CS#
SCK
SI
SO
High Impedance
Manufacturer ID
Device ID
24-Bit Address
MSB
MSB
76543210
765432107654321
0
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47


Similar Part No. - S25FL128P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL128P0XMFI001 SPANSION-S25FL128P0XMFI001 Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL128P0XMFI003 SPANSION-S25FL128P0XMFI003 Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL128P0XMFI011 SPANSION-S25FL128P0XMFI011 Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL128P0XMFI013 SPANSION-S25FL128P0XMFI013 Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
More results

Similar Description - S25FL128P

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL129P CYPRESS-S25FL129P Datasheet
2Mb / 66P
   128-Mbit 3.0 V Flash Memory
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
   128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
S25FL032P CYPRESS-S25FL032P Datasheet
2Mb / 60P
   32-Mbit 3.0 V Flash Memory
S25FL204K CYPRESS-S25FL204K Datasheet
1Mb / 35P
   4-Mbit 3.0 V SPI Flash Memory
S25FL064P CYPRESS-S25FL064P Datasheet
5Mb / 62P
   64-Mbit 3.0 V SPI Flash Memory
S29GL064S CYPRESS-S29GL064S Datasheet
1Mb / 105P
   64 Mbit (8 Mbyte) 3.0 V Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
   512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
logo
SPANSION
S25FL127S SPANSION-S25FL127S Datasheet
5Mb / 131P
   128 Mbit (16 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core
logo
ATMEL Corporation
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
   128-Mbit Flash 32-Mbit/64-Mbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com