Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL128P Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # S25FL128P
Description  128-Mbit, 3.0 V Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128P Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button S25FL128P Datasheet HTML 3Page - Cypress Semiconductor S25FL128P Datasheet HTML 4Page - Cypress Semiconductor S25FL128P Datasheet HTML 5Page - Cypress Semiconductor S25FL128P Datasheet HTML 6Page - Cypress Semiconductor S25FL128P Datasheet HTML 7Page - Cypress Semiconductor S25FL128P Datasheet HTML 8Page - Cypress Semiconductor S25FL128P Datasheet HTML 9Page - Cypress Semiconductor S25FL128P Datasheet HTML 10Page - Cypress Semiconductor S25FL128P Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Document Number: 002-00646 Rev. *M
Page 8 of 45
S25FL128P
6.
SPI Modes
A microcontroller can use either of its two SPI modes to control Cypress SPI Flash memory devices:
CPOL = 0, CPHA = 0 (Mode 0)
CPOL = 1, CPHA = 1 (Mode 3)
Input data is latched in on the rising edge of SCK, and output data is available from the falling edge of SCK for both modes.
When the bus master is in standby mode, SCK is as shown in Figure 6.2 for each of the two modes:
SCK remains at 0 for (CPOL = 0, CPHA = 0 Mode 0)
SCK remains at 1 for (CPOL = 1, CPHA = 1 Mode 3)
Figure 6.1 Bus Master and Memory Devices on the SPI Bus
Note
The Write Protect/Accelerated Programming (WP#/ACC) and Hold (HOLD#) signals should be driven high (logic level 1) or low (logic level 0) as appropriate.
Figure 6.2 SPI Modes Supported
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
Bus Master
CS3
CS2
CS1
SPI Memory
Device
SPI Memory
Device
SPI Memory
Device
CS#
HOLD#
CS#
HOLD#
CS#
WP#/ACC
WP#/ACC
WP#/ACC
HOLD#
SCK SO SI
SCK SO SI
SCK SO SI
SO
SI
SCK
MSB
MSB
SCK
SCK
SI
SO
CPHA
CPOL
00
11
CS#
Mode 0
Mode 3


Similar Part No. - S25FL128P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL128P0XMFI001 SPANSION-S25FL128P0XMFI001 Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL128P0XMFI003 SPANSION-S25FL128P0XMFI003 Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL128P0XMFI011 SPANSION-S25FL128P0XMFI011 Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL128P0XMFI013 SPANSION-S25FL128P0XMFI013 Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
More results

Similar Description - S25FL128P

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL129P CYPRESS-S25FL129P Datasheet
2Mb / 66P
   128-Mbit 3.0 V Flash Memory
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
   128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
S25FL032P CYPRESS-S25FL032P Datasheet
2Mb / 60P
   32-Mbit 3.0 V Flash Memory
S25FL204K CYPRESS-S25FL204K Datasheet
1Mb / 35P
   4-Mbit 3.0 V SPI Flash Memory
S25FL064P CYPRESS-S25FL064P Datasheet
5Mb / 62P
   64-Mbit 3.0 V SPI Flash Memory
S29GL064S CYPRESS-S29GL064S Datasheet
1Mb / 105P
   64 Mbit (8 Mbyte) 3.0 V Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
   512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
logo
SPANSION
S25FL127S SPANSION-S25FL127S Datasheet
5Mb / 131P
   128 Mbit (16 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core
logo
ATMEL Corporation
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
   128-Mbit Flash 32-Mbit/64-Mbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com