Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS58BF Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # SS58BF
Description  Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS58BF Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  SS58BF Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS58BF Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS58BF Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SS58BF Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Schottky Barrier Rectifiers
SS58BF--SS510BF
SBF403AA
www.gmesemi.com
Rev.B
Production specification
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Fig.1-Forward Current Derating Curve
Fig.2- Surge Current Derating Curve
Fig.3- Typical Forward Voltage Characteristic
Fig.4- Typical Reverse Characteristic
0
30
60
90
120
150
1
10
100
0.1
1
10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90 100
Forward Voltage ,VF(V)
Case Temperature °C
Number of Cycles at 60HZ
Reverse Voltage ,VR
(%)
Tj=75
Tj=25
Tj=125
Tj=75
Tj=125
Tj=25
0
1
2
3
4
5
0
25
50
75
100
125
150


Similar Part No. - SS58BF

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS58BF YFWDIODE-SS58BF Datasheet
164Kb / 3P
   Surface MountSchottky Barrier Rectifier
logo
Microdiode Electronics ...
SS58BF CHENDA-SS58BF Datasheet
742Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SS58BF ZSELEC-SS58BF Datasheet
129Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Gaomi Xinghe Electronic...
SS58BF GXELECTRONICS-SS58BF Datasheet
347Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Yixinwei Techn...
SS58BF YIXIN-SS58BF Datasheet
298Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS58BF

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com