Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANF1205N Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # LANF1205N
Description  Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANF1205N Datasheet(HTML) 4 Page - Wall Industries,Inc.

  LANF1205N Datasheet HTML 1Page - Wall Industries,Inc. LANF1205N Datasheet HTML 2Page - Wall Industries,Inc. LANF1205N Datasheet HTML 3Page - Wall Industries,Inc. LANF1205N Datasheet HTML 4Page - Wall Industries,Inc. LANF1205N Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev E
LAN F SERIES
Up to 1.8 Watts
DC/DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
MECHANICAL DRAWINGS
Unit: mm unless otherwise specified. All tolerances are ±0.25
PIN Connections
Pin
Single
Dual
1
+Vin
+Vin
2
NC
-Vout
3
NC
COM
9
NC
NC
10
+Vout
COM
11
+Vout
+Vout
12
-Vin
-Vin
Packaging
Size mm
A
B
C
D
12.0
28.55
550
6.00
APPLICATION NOTE
Filtering
External Capacitor Table
Vin
External Capacitor
Vout
External Capacitor
5VDC
4.7uF/25V
5VDC
4.7uF/25V
9VDC
4.7uF/25V
9VDC
2.2uF/25V
12VDC
2.2uF/25V
12VDC
1uF/25V
15VDC
2.2uF/25V
15VDC
0.47uF/50V
24VDC
1uF/50V
24VDC
0.47uF/50V
In some circuits sensitive to noise and ripple, a
filtering capacitor may be added to the DC/DC
output end and input end to reduce the noise and
ripple. However, the capacitance of the output filter
capacitor must be proper. If the capacitance is too
big, a startup problem might arise. To ensure safe
and reliable operation for every channel of output,
refer to the external capacitor table for the greatest
capacitance of the filter capacitor.
To get an extremely low ripple, an “LC” filtering
network may be connected to the input and output
ends of the DC/DC converter, which may produce a
more significant filtering effect. It should also be
noted that the inductance and the frequency of the
“LC” filtering network should be staggered with the
DC/DC frequency to avoid mutual interference.


Similar Part No. - LANF1205N

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANF1205N WALL-LANF1205N Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
LANF1205ND WALL-LANF1205ND Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - LANF1205N

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com