Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSD02-12D24SH Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCSD02-12D24SH
Description  2 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCSD02-12D24SH Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCSD02-12D24SH Datasheet HTML 1Page - Wall Industries,Inc. DCSD02-12D24SH Datasheet HTML 2Page - Wall Industries,Inc. DCSD02-12D24SH Datasheet HTML 3Page - Wall Industries,Inc. DCSD02-12D24SH Datasheet HTML 4Page - Wall Industries,Inc. DCSD02-12D24SH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev A
DCSD02 SERIES
2 Watt DC/DC Power Converters
05/29/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
MODEL NUMBER SET
DCSD
02
-
48
S
12
S
H
Series Name
Output
Power
Input Voltage
Output Quantity
Output Voltage
Assembly Options
Isolation
02:
2 Watts
5: 4.5-9 VDC
S: Single Output
33: 3.3 VDC
None: DIP Type
None: 1600VDC Isolation
12: 9-18 VDC
05: 5 VDC
S: SMT Type
H: 3000VDC Isolation
24: 18-36 VDC
12: 12 VDC
48: 36-75 VDC
15: 15 VDC
24: 24 VDC
D: Dual Output
05: ±5 VDC
12: ±12 VDC
15: ±15 VDC
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - DCSD02-12D24SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSD01 WALL-DCSD01 Datasheet
530Kb / 5P
   1 Watt DC/DC Power Converters
DCSD01-12D05 WALL-DCSD01-12D05 Datasheet
530Kb / 5P
   1 Watt DC/DC Power Converters
DCSD01-12D05SH WALL-DCSD01-12D05SH Datasheet
530Kb / 5P
   1 Watt DC/DC Power Converters
DCSD01-12D12 WALL-DCSD01-12D12 Datasheet
530Kb / 5P
   1 Watt DC/DC Power Converters
DCSD01-12D12SH WALL-DCSD01-12D12SH Datasheet
530Kb / 5P
   1 Watt DC/DC Power Converters
More results

Similar Description - DCSD02-12D24SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMCU2 WALL-DCMCU2 Datasheet
596Kb / 5P
   2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
   2 Watt DC/DC Power Converters
DCMSAU2 WALL-DCMSAU2 Datasheet
747Kb / 5P
   2 Watt DC/DC Power Converters
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
   2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
   2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
   2 watt dc-dc converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
   2 WATT REGULATED DC-DC CONVERTERS
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
   DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com