Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANEUW4815R Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANEUW4815R
Description  RoHS Compliant
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEUW4815R Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANEUW4815R Datasheet HTML 1Page - Wall Industries,Inc. LANEUW4815R Datasheet HTML 2Page - Wall Industries,Inc. LANEUW4815R Datasheet HTML 3Page - Wall Industries,Inc. LANEUW4815R Datasheet HTML 4Page - Wall Industries,Inc. LANEUW4815R Datasheet HTML 5Page - Wall Industries,Inc. LANEUW4815R Datasheet HTML 6Page - Wall Industries,Inc. LANEUW4815R Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/16/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 7
DATASHEET
Rev. B
LANEUW SERIES
4:1 Ultra Wide Input Voltage Ranges
Single & Dual Outputs
High Power Density in 9-Pin SIP Package
2 Watt DC/DC Power Converters
FEATURES
• RoHS Compliant
• UL 94V-0 Compliant
• High Power Density in 9-Pin SIP Package
• 2 Watts Output Power
• Small Footprint: 1.02” x 0.36” x 0.49”
• 4:1 Ultra Wide Input Voltage Ranges
• Single & Dual Fully Regulated Outputs
• Remote ON/OFF Control
• 1500VDC I/O Isolation
• High Efficiency up to 80%
• -40°C to +85°C Operating Temperature Range
• Over Load Protection
DESCRIPTION
The LANEUW series consists of isolated 2 Watt DC/DC power converters with fully regulated single and dual
outputs and ultra wide 4:1 input voltage ranges of 9~36VDC and 18~75VDC. These converters operate over a
temperature range of -40°C to +85°C while maintaining all specifications. The LANEUW series is RoHS
compliant and includes remote on/off control, 1500VDC I/O isolation, and over load protection. These converters
are housed in a 9-pin SIP package with a very small footprint occupying only 0.36in
2 on the PCB. The very
compact dimensions of these DC/DC converters make them an ideal solution for many space critical applications
in battery-powered equipment and instrumentation.


Similar Part No. - LANEUW4815R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEUW4815R WALL-LANEUW4815R Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
LANEUW4815R2H WALL-LANEUW4815R2H Datasheet
208Kb / 4P
   2 Watts Maximum Output Power
LANEUW4815R3 WALL-LANEUW4815R3 Datasheet
300Kb / 5P
   3 Watts Maximum Output Power
LANEUW4815RD WALL-LANEUW4815RD Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
LANEUW4815RD2H WALL-LANEUW4815RD2H Datasheet
208Kb / 4P
   2 Watts Maximum Output Power
More results

Similar Description - LANEUW4815R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com