Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCB1-12D33T Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCB1-12D33T
Description  1 Watt DC/DC Converter Single and Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCB1-12D33T Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCB1-12D33T Datasheet HTML 1Page - Wall Industries,Inc. DCB1-12D33T Datasheet HTML 2Page - Wall Industries,Inc. DCB1-12D33T Datasheet HTML 3Page - Wall Industries,Inc. DCB1-12D33T Datasheet HTML 4Page - Wall Industries,Inc. DCB1-12D33T Datasheet HTML 5Page - Wall Industries,Inc. DCB1-12D33T Datasheet HTML 6Page - Wall Industries,Inc. DCB1-12D33T Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev A
DCB1 SERIES
1 Watt
DC/DC Converter
Single and Dual Outputs
2/16/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 7
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5V Input Models
4.5
5
5.5
VDC
12V Input Models
10.8
12
13.2
24V Input Models
21.6
24
26.4
Input Absolute Voltage Range
5V Input Models
-0.7
5
7.5
VDC
12V Input Models
-0.7
12
15
24V Input Models
-0.7
24
30
Input Current
See Table
Input Filter
Internal Capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Nominal Input
±5
%
Line Regulation
Per 1.0% Change in Input Change
1.3
%
Load Regulation
See Table
Voltage Balance
Dual Outputs, Nominal Input
±1.0
%
Output Power
See Table
Output Current
See Table
Ripple & Noise (20MHz bandwidth)
See Table
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit Duration
1.0
Second
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Full Load & Natural Convection
-40
+85
ºC
@Case Surface Temperature
-40
+95
Storage Temperature
-55
+105
ºC
Humidity
90
%
Cooling
Free Air Convection
GENERAL SPECIFICATIONS
Typical Efficiency
See Table
Switching Frequency
Nominal Input
110
KHz
Isolation Voltage
Test Duration 60 Seconds/0.5mA
1000/3000VDC
Isolation Resistance
@500VDC
1000
M
Ω
Isolation Capacitance
1KHz/250mVrms
30
pF
PHYSICAL SPECIFICATIONS
Weight
0.078oz / 0.095oz (2.2g / 2.7g)
Dimensions (L x W x H)
Surface Mount Models
0.76in x 0.37in x 0.24in
(19.50mm x 9.50mm x 6mm)
Through Hole Models
0.80in x 0.40in x 0.27in
(20.32mm x 10.16mm x 6.85mm)
Case Material
Plastic
NOTES
1.
“X” in model number indicates case type. When “X” is “S”, this indicates surface mount model. When “X” is “T”, this indicates through hole model.
2.
Load regulation is for output current change from 20% to 100% maximum load.
3.
Exceeding maximum values may damage the module. Maximums are not continuous operating ratings.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - DCB1-12D33T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCB15PNBTD ETC2-DCB15PNBTD Datasheet
811Kb / 6P
   Plug viewed from above, socket viewed from below.
logo
Yamar Electronics Ltd.
DCB1M YAMAR-DCB1M Datasheet
4Mb / 47P
   UART/SPI/I2C Over Powerline Transceiver
R 0.84
More results

Similar Description - DCB1-12D33T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
DCMFPU01H WALL-DCMFPU01H Datasheet
347Kb / 5P
   1 Watt DC/DC Converter Single and Dual Outputs
logo
CET Technology, LLC
CT-13DS1 CETTECHNOLOGY-CT-13DS1 Datasheet
397Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-1W CETTECHNOLOGY-CT-12D-1W Datasheet
774Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-6KV CETTECHNOLOGY-CT-12D-6KV Datasheet
675Kb / 2P
   6000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com