Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCB1-24D515S Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # DCB1-24D515S
Description  1 Watt DC/DC Converter Single and Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCB1-24D515S Datasheet(HTML) 6 Page - Wall Industries,Inc.

  DCB1-24D515S Datasheet HTML 1Page - Wall Industries,Inc. DCB1-24D515S Datasheet HTML 2Page - Wall Industries,Inc. DCB1-24D515S Datasheet HTML 3Page - Wall Industries,Inc. DCB1-24D515S Datasheet HTML 4Page - Wall Industries,Inc. DCB1-24D515S Datasheet HTML 5Page - Wall Industries,Inc. DCB1-24D515S Datasheet HTML 6Page - Wall Industries,Inc. DCB1-24D515S Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev A
DCB1 SERIES
1 Watt
DC/DC Converter
Single and Dual Outputs
2/16/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 7
PACKING INFORMATION
Surface Mount Style
1. Tube: 25pcs
2. Inner Carton= 50 Tubes=50*25=1250pcs
3. Export Carton= 4 Inner Cartons= 4*1250=5000pcs
Through Hole Style
1. Tube: 25pcs
2. Inner Carton=50 Tubes= 50*25=1250pcs
3. Export Carton=4 Inner Cartons= 4*1250=5000pcs


Similar Part No. - DCB1-24D515S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCB15PNBTD ETC2-DCB15PNBTD Datasheet
811Kb / 6P
   Plug viewed from above, socket viewed from below.
logo
Yamar Electronics Ltd.
DCB1M YAMAR-DCB1M Datasheet
4Mb / 47P
   UART/SPI/I2C Over Powerline Transceiver
R 0.84
More results

Similar Description - DCB1-24D515S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
DCMFPU01H WALL-DCMFPU01H Datasheet
347Kb / 5P
   1 Watt DC/DC Converter Single and Dual Outputs
logo
CET Technology, LLC
CT-13DS1 CETTECHNOLOGY-CT-13DS1 Datasheet
397Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-1W CETTECHNOLOGY-CT-12D-1W Datasheet
774Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-6KV CETTECHNOLOGY-CT-12D-6KV Datasheet
675Kb / 2P
   6000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com