Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL35BF Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SL35BF
Description  Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SL35BF Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SL35BF Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SL35BF Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SL35BF Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SL35BF Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Schottky Barrier Rectifiers
SL35BF--SL36BF
SBF443AA
www.gmesemi.com
Rev.B
Production specification
Features
Metal silicon junction, majority carrier conduction
High surge capability
High temperature soldering guaranteed:
260°C/10 seconds
High current capability, low forward voltage drop
Guarding for over voltage protection
RoHS Compliant
Mechanical Data
Case: SMBF molded plastic
Molding compound, UL flammability classification rating 94V-0
Terminals: Matte tin plated leads, solderable perJ-STD-002 and JESD22-B102
Polarity: Color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SL35BF
SL36BF
Units
Peak repetitive reverse voltage
VRRM
50
60
V
RMS reverse voltage
VRMS
35
42
V
DC blocking voltage
VDC
50
60
V
Maximum average forward output current
IF(AV)
3.0
A
Peak forward surge current,
8.3ms single half-sine-wave
IFSM
80
A
Thermal Characteristics
Note:
1. Device mounted on PCB with 10 mm x 20 mm x 0.1mm copper pad areas
Parameter
Symbol
SL35BF
SL36BF
Units
Typical thermal resistance
(Note 1)
R ΘJA
R ΘJC
R ΘJL
65
°C /W
16
15
Operating junction temperature range
TJ
- 55 ---- + 125
°C
Storage temperature range
TSTG
- 55 ---- + 150
°C


Similar Part No. - SL35BF

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SL35B GOOD-ARK-SL35B Datasheet
210Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Microdiode Electronics ...
SL35B CHENDA-SL35B Datasheet
192Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SL35B CHENDA-SL35B Datasheet
988Kb / 3P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
More results

Similar Description - SL35BF

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com