Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSD01-5D12SH Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCSD01-5D12SH
Description  1 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCSD01-5D12SH Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCSD01-5D12SH Datasheet HTML 1Page - Wall Industries,Inc. DCSD01-5D12SH Datasheet HTML 2Page - Wall Industries,Inc. DCSD01-5D12SH Datasheet HTML 3Page - Wall Industries,Inc. DCSD01-5D12SH Datasheet HTML 4Page - Wall Industries,Inc. DCSD01-5D12SH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev B
DCSD01 SERIES
1 Watt DC/DC Power Converters
05/28/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
DIP Package (Standard)
Size: 0.52 x 0.36 x 0.39 inches
SMT Package (Suffix “S”)
Size: 0.52 x 0.36 x 0.39 inches
FEATURES
Ultra small SMT and DIP Packages
No Minimum Load Required
High Efficiency up to 83%
2:1 Wide Input Voltage Ranges
1 Watt Maximum Output Power
Continuous Short Circuit Protection
1600VDC I/O Isolation (Optional 3000VDC Isolation)
CE Mark Meets 2006/95/EC, 2011/95/EC, & 2004/108/EC
Compliant to RoHS EU Directive 2011/65/EU
SMT Package Qualified for Lead-Free Reflow Solder
Process According to IPC J-STD-020D
UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals
DESCRIPTION
The DCSD01 series of DC/DC power converters provides 1 watt of output power in a 0.52 x 0.36 x 0.39
inch package. This series has single and dual output models with 2:1 wide input voltage ranges of 4.5-
9VDC, 9-18VDC, 18-36VDC, and 36-75VDC. Some features include high efficiency up to 83%, 1600VDC
(standard) or 3000VDC (suffix “H”) I/O isolation, remote ON/OFF control, and short circuit protection. Both
DIP (standard) and SMT (suffix “S”) package types are available for this series. All models are RoHS
compliant and have UL60950-1, EN60950-1, and IEC60950-1 safety approvals. This series is best suited
for use in industry control systems, wireless networks, telecom/datacom, measurement equipment, and
semiconductor equipment.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number (1) (2)
Input Voltage
Output
Voltage
Output Current
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load
Max Load
DCSD01-5S33
5 VDC
(4.5 - 9 VDC)
3.3 VDC
0mA
300mA
50mVp-p
35mA
1W
79%
1680µF
DCSD01-5S05
5 VDC
0mA
200mA
50mVp-p
35mA
1W
80%
820µF
DCSD01-5S12
12 VDC
0mA
90mA
50mVp-p
40mA
1W
83%
470µF
DCSD01-5S15
15 VDC
0mA
70mA
50mVp-p
40mA
1W
82%
330µF
DCSD01-5S24
24 VDC
0mA
45mA
50mVp-p
40mA
1W
82%
160µF
DCSD01-12S33
12 VDC
(9 - 18 VDC)
3.3 VDC
0mA
300mA
50mVp-p
16mA
1W
78%
1680µF
DCSD01-12S05
5 VDC
0mA
200mA
50mVp-p
16mA
1W
79%
820µF
DCSD01-12S12
12 VDC
0mA
90mA
50mVp-p
22mA
1W
82%
470µF
DCSD01-12S15
15 VDC
0mA
70mA
50mVp-p
22mA
1W
81%
330µF
DCSD01-12S24
24 VDC
0mA
45mA
50mVp-p
22mA
1W
80%
160µF
DCSD01-24S33
24 VDC
(18 - 36 VDC)
3.3 VDC
0mA
300mA
50mVp-p
8mA
1W
78%
1680µF
DCSD01-24S05
5 VDC
0mA
200mA
50mVp-p
8mA
1W
80%
820µF
DCSD01-24S12
12 VDC
0mA
90mA
50mVp-p
10mA
1W
81%
470µF
DCSD01-24S15
15 VDC
0mA
70mA
50mVp-p
10mA
1W
81%
330µF
DCSD01-24S24
24 VDC
0mA
45mA
50mVp-p
10mA
1W
80%
160µF
DCSD01-48S33
48 VDC
(36 - 75 VDC)
3.3 VDC
0mA
300mA
50mVp-p
5mA
1W
79%
1680µF
DCSD01-48S05
5 VDC
0mA
200mA
50mVp-p
5mA
1W
80%
820µF
DCSD01-48S12
12 VDC
0mA
90mA
50mVp-p
5mA
1W
82%
470µF
DCSD01-48S15
15 VDC
0mA
70mA
50mVp-p
5mA
1W
83%
330µF
DCSD01-48S24
24 VDC
0mA
45mA
50mVp-p
5mA
1W
81%
160µF
DUAL OUTPUT MODELS
Model Number (1) (2)
Input Voltage
Output
Voltage
Output Current
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load
Max Load
DCSD01-5D05
5 VDC
(4.5 - 9 VDC)
±5 VDC
0mA
±100mA
50mVp-p
40mA
1W
81%
±470µF
DCSD01-5D12
±12 VDC
0mA
±45mA
50mVp-p
40mA
1W
82%
±330µF
DCSD01-5D15
±15 VDC
0mA
±35mA
50mVp-p
40mA
1W
82%
±220µF
DCSD01-12D05
12 VDC
(9 - 18 VDC)
±5 VDC
0mA
±100mA
50mVp-p
22mA
1W
80%
±470µF
DCSD01-12D12
±12 VDC
0mA
±45mA
50mVp-p
22mA
1W
80%
±330µF
DCSD01-12D15
±15 VDC
0mA
±35mA
50mVp-p
22mA
1W
80%
±220µF
DCSD01-24D05
24 VDC
(18 - 36 VDC)
±5 VDC
0mA
±100mA
50mVp-p
10mA
1W
79%
±470µF
DCSD01-24D12
±12 VDC
0mA
±45mA
50mVp-p
10mA
1W
80%
±330µF
DCSD01-24D15
±15 VDC
0mA
±35mA
50mVp-p
10mA
1W
81%
±220µF
DCSD01-48D05
48 VDC
(36 - 75 VDC)
±5 VDC
0mA
±100mA
50mVp-p
5mA
1W
80%
±470µF
DCSD01-48D12
±12 VDC
0mA
±45mA
50mVp-p
5mA
1W
81%
±330µF
DCSD01-48D15
±15 VDC
0mA
±35mA
50mVp-p
5mA
1W
80%
±220µF


Similar Part No. - DCSD01-5D12SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCSD02-12D05 WALL-DCSD02-12D05 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCSD02-12D05SH WALL-DCSD02-12D05SH Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCSD02-12D12 WALL-DCSD02-12D12 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCSD02-12D12SH WALL-DCSD02-12D12SH Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
More results

Similar Description - DCSD01-5D12SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMSAU1 WALL-DCMSAU1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
RC12D12-42NH WALL-RC12D12-42NH Datasheet
478Kb / 5P
   1 Watt DC/DC Power Converters
DCMSW1 WALL-DCMSW1 Datasheet
708Kb / 5P
   1 Watt DC/DC Power Converters
DCMSAU1 WALL-DCMSAU1_18 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
RCSERIES WALL-RCSERIES Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
DCMAW1 WALL-DCMAW1 Datasheet
734Kb / 6P
   1 Watt DC/DC Power Converters
RC33S33-303NH WALL-RC33S33-303NH Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com