Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSD02-5S12SH Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCSD02-5S12SH
Description  2 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCSD02-5S12SH Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCSD02-5S12SH Datasheet HTML 1Page - Wall Industries,Inc. DCSD02-5S12SH Datasheet HTML 2Page - Wall Industries,Inc. DCSD02-5S12SH Datasheet HTML 3Page - Wall Industries,Inc. DCSD02-5S12SH Datasheet HTML 4Page - Wall Industries,Inc. DCSD02-5S12SH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev A
DCSD02 SERIES
2 Watt DC/DC Power Converters
05/29/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
SAFETY & EMC
Safety Approvals
IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 3)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air
Contact
±8KV
±6KV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 4)
EN61000-4-4
±2KV
Perf. Criteria A
Surge (See Note 4)
EN61000-4-5
±1KV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A
NOTES
1. Two package types are available. DIP is standard; for SMT type add the suffix “S” to the model number. See model number setup for ordering
details.
2. 1600VDC I/O isolation is standard; for 3000VDC I/O isolation add the suffix “H” to the model number. See model number setup for ordering
details.
3. The DCSD02 series can only meet EMI Class A or Class B and input reflected ripple current with external components added. Please contact
factory for more information.
4. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor recommended is Nippon
chemi-con KY series, 220µF/100V
CAUTION: This power module is not internally fused. An input line fuse must always be used.
Due to advances in technology, specifications are subject to change without notice.
DERATING CURVE
DCSD02-48S05 Derating Curve
EFFICIENCY CURVES
DCSD02-48S05 Efficiency vs Input Voltage
DCSD02-48S05 Efficiency vs Output Current


Similar Part No. - DCSD02-5S12SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSD01 WALL-DCSD01 Datasheet
530Kb / 5P
   1 Watt DC/DC Power Converters
DCSD01-12D05 WALL-DCSD01-12D05 Datasheet
530Kb / 5P
   1 Watt DC/DC Power Converters
DCSD01-12D05SH WALL-DCSD01-12D05SH Datasheet
530Kb / 5P
   1 Watt DC/DC Power Converters
DCSD01-12D12 WALL-DCSD01-12D12 Datasheet
530Kb / 5P
   1 Watt DC/DC Power Converters
DCSD01-12D12SH WALL-DCSD01-12D12SH Datasheet
530Kb / 5P
   1 Watt DC/DC Power Converters
More results

Similar Description - DCSD02-5S12SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMCU2 WALL-DCMCU2 Datasheet
596Kb / 5P
   2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
   2 Watt DC/DC Power Converters
DCMSAU2 WALL-DCMSAU2 Datasheet
747Kb / 5P
   2 Watt DC/DC Power Converters
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
   2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
   2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
   2 watt dc-dc converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
   2 WATT REGULATED DC-DC CONVERTERS
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
   DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com