Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQUW60-36S15NHS Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCQUW60-36S15NHS
Description  Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQUW60-36S15NHS Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCQUW60-36S15NHS Datasheet HTML 1Page - Wall Industries,Inc. DCQUW60-36S15NHS Datasheet HTML 2Page - Wall Industries,Inc. DCQUW60-36S15NHS Datasheet HTML 3Page - Wall Industries,Inc. DCQUW60-36S15NHS Datasheet HTML 4Page - Wall Industries,Inc. DCQUW60-36S15NHS Datasheet HTML 5Page - Wall Industries,Inc. DCQUW60-36S15NHS Datasheet HTML 6Page - Wall Industries,Inc. DCQUW60-36S15NHS Datasheet HTML 7Page - Wall Industries,Inc. DCQUW60-36S15NHS Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev A
DCQUW60 SERIES
Up to 60 Watts
Quarter Brick DC/DC Converter
Single Outputs
2/1/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 8
Heatsink Options
Heatsink Option 1 (“HS” Suffix) 7G-0029B-F
Heatsink Option 2 (“HS1” Suffix) 7G-0030B-F
Heatsink Option 3 (“HS2” Suffix) 7G-0031B-F
Heatsink Option 4 (“HS3” Suffix) 7G-0032B-F
Notes:
All dimensions in inch [mm]
Tolerance: x.xx±0.02 [x.x±0.5]
RECOMMENDED PAD LAYOUT
Notes:
All dimensions in inch [mm]
Pad size (lead free recommended)
Through Hole 1.2.3.5.6.7: Ø0.051 [1.30]
Through Hole 4.8: Ø0.075 [1.90]
Through Hole of Mounting: Ø0.126 [3.20]
Top View Pad 1.2.3.5.6.7: Ø0.064 [1.63]
Top View Pad 4.8: Ø0.094 [2.38]
Top View Pad of Mounting: Groove R0.065 [1.65] L0.157 [4.00]
Bottom View Pad 1.2.3.5.6.7: Ø0.102 [2.60]
Bottom View Pad 8: Ø0.150 [3.80]
Bottom View Pad 4: Ø0.130 [3.30]
Bottom View Pad of Mounting: Groove R0.065 [1.65] L0.252 [6.40]


Similar Part No. - DCQUW60-36S15NHS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DCQ MURATA-PS-DCQ Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
DCQ0150V2 MURATA-PS-DCQ0150V2 Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
logo
Wall Industries,Inc.
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05 WALL-DCQA100-12S05 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH WALL-DCQA100-12S05RH Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - DCQUW60-36S15NHS

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCHBW150 WALL-DCHBW150_18 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com