Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSD01-5D05SH Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCSD01-5D05SH
Description  1 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCSD01-5D05SH Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCSD01-5D05SH Datasheet HTML 1Page - Wall Industries,Inc. DCSD01-5D05SH Datasheet HTML 2Page - Wall Industries,Inc. DCSD01-5D05SH Datasheet HTML 3Page - Wall Industries,Inc. DCSD01-5D05SH Datasheet HTML 4Page - Wall Industries,Inc. DCSD01-5D05SH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev B
DCSD01 SERIES
1 Watt DC/DC Power Converters
05/28/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
TECHNICAL SPECIFICATIONS: DCSD01 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5VDC nominal input models
4.5
5
9
VDC
12VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
48VDC nominal input models
36
48
75
Input Surge Voltage (1 sec)
5VDC nominal input models
15
VDC
12VDC nominal input models
25
24VDC nominal input models
50
48VDC nominal input models
100
Input Current
No Load
See Table
Input Reflected Ripple Current
See Note 3
10
mAp-p
Input Filter
Capacitor type
Remote ON/OFF
DC/DC ON
Referenced to -INPUT pin and CTRL pin applied current
(See Application Circuits on page 4)
Open or high impedance
DC/DC OFF
2.0
3.0
4.0
mA
Remote Off Input Current
2.5
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Full load an nominal Vin
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
-0.2
+0.2
%
Load Regulation
No load to full load
Single Output Models
-1.0
+1.0
%
Dual Output Models
-1.0
+1.0
10% load to 90% load
Single Output Models
-0.5
+0.5
%
Dual Output Models
-0.8
+0.8
Cross Regulation (Dual Output
Models)
Asymmetrical load 25% / 100% FL
-5
+5
%
Output Power
1
W
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Ripple & Noise
Measured at 20MHz BW and with 4.7µF/25V X7R MLCC
capacitor
50
mVp-p
Transient Response Recovery Time
25% load step change
500
µs
Start-Up Time
Power Up
Nominal input and constant resistive load
5
10
ms
Remote On/Off
5
10
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
Full load to minimum load
100
KHz
Isolation Voltage (Input to Output)
1 minute
Standard models
1600
VDC
Suffix “H” models
3000
Isolation Resistance
500VDC
1
Isolation Capacitance
Standard models
50
pF
Suffix “H” models
50
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Without derating
-40
+90
°C
Storage Temperature
-55
+125
°C
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
Lead-Free Reflow Solder Process
IPC J-STD-020D
Moisture Sensitivity Level (MSL)
IPC J-STD-033B Level 2
MTBF
MIL-HDBK-217F, Ta=25°C, Full load
8,534,000 hours
PHYSICAL SPECIFICATIONS
Weight
0.10oz (2.7g)
Dimensions (L x W x H)
0.52x0.36x0.39 inches (13.2x9.1x9.9
mm)
Case Material
Non-conductive black plastic
Base Material
Non-conductive black plastic
Potting Material
Silicone (UL94-V0)


Similar Part No. - DCSD01-5D05SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCSD02-12D05 WALL-DCSD02-12D05 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCSD02-12D05SH WALL-DCSD02-12D05SH Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCSD02-12D12 WALL-DCSD02-12D12 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCSD02-12D12SH WALL-DCSD02-12D12SH Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
More results

Similar Description - DCSD01-5D05SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMSAU1 WALL-DCMSAU1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
RC12D12-42NH WALL-RC12D12-42NH Datasheet
478Kb / 5P
   1 Watt DC/DC Power Converters
DCMSW1 WALL-DCMSW1 Datasheet
708Kb / 5P
   1 Watt DC/DC Power Converters
DCMSAU1 WALL-DCMSAU1_18 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
RCSERIES WALL-RCSERIES Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
DCMAW1 WALL-DCMAW1 Datasheet
734Kb / 6P
   1 Watt DC/DC Power Converters
RC33S33-303NH WALL-RC33S33-303NH Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com