Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSD01-12S05SH Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCSD01-12S05SH
Description  1 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCSD01-12S05SH Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCSD01-12S05SH Datasheet HTML 1Page - Wall Industries,Inc. DCSD01-12S05SH Datasheet HTML 2Page - Wall Industries,Inc. DCSD01-12S05SH Datasheet HTML 3Page - Wall Industries,Inc. DCSD01-12S05SH Datasheet HTML 4Page - Wall Industries,Inc. DCSD01-12S05SH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev B
DCSD01 SERIES
1 Watt DC/DC Power Converters
05/28/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
MODEL NUMBER SETUP
DCSD
01
-
48
S
12
S
H
Series Name
Output Power
Input Voltage
Output Quantity
Output Voltage
Assembly Options
Isolation
01:
1 Watt
5: 4.5-9 VDC
S: Single Output
33: 3.3 VDC
None: DIP Type
None: 1600VDC Isolation
12: 9-18 VDC
05: 5 VDC
S: SMT Type
H: 3000VDC Isolation
24: 18-36 VDC
12: 12 VDC
48: 36-75 VDC
15: 15 VDC
24: 24 VDC
D: Dual Output
05: ±5 VDC
12: ±12 VDC
15: ±15 VDC
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - DCSD01-12S05SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCSD02-12D05 WALL-DCSD02-12D05 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCSD02-12D05SH WALL-DCSD02-12D05SH Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCSD02-12D12 WALL-DCSD02-12D12 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCSD02-12D12SH WALL-DCSD02-12D12SH Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
More results

Similar Description - DCSD01-12S05SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMSAU1 WALL-DCMSAU1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
RC12D12-42NH WALL-RC12D12-42NH Datasheet
478Kb / 5P
   1 Watt DC/DC Power Converters
DCMSW1 WALL-DCMSW1 Datasheet
708Kb / 5P
   1 Watt DC/DC Power Converters
DCMSAU1 WALL-DCMSAU1_18 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
RCSERIES WALL-RCSERIES Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
DCMAW1 WALL-DCMAW1 Datasheet
734Kb / 6P
   1 Watt DC/DC Power Converters
RC33S33-303NH WALL-RC33S33-303NH Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com