Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANCY-05S05R Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANCY-05S05R
Description  Wide Input Voltage Ranges
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANCY-05S05R Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANCY-05S05R Datasheet HTML 1Page - Wall Industries,Inc. LANCY-05S05R Datasheet HTML 2Page - Wall Industries,Inc. LANCY-05S05R Datasheet HTML 3Page - Wall Industries,Inc. LANCY-05S05R Datasheet HTML 4Page - Wall Industries,Inc. LANCY-05S05R Datasheet HTML 5Page - Wall Industries,Inc. LANCY-05S05R Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev A
LANCY SERIES
1.8 Watts
DC/DC Converter
Single & Dual Output
3/30/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
FEATURES
Wide Input Voltage Ranges
Low Ripple & Noise
24Pin DIL Package
Unregulated & Regulated Output Types
RoHS Compliant
Industry Standard Pinout
Internal SMD Construction
No External Component Required
Short Circuit Protection
High Efficiency
DESCRIPTION
The LANCY series of DC/DC converters offers 1.8 watts of output power in a
compact 1.25” x 0.8” x 0.40” 24 pin DIL package. This series consists of
regulated or unregulated single and dual output models with several wide input
voltage ranges available. Each model features an industry standard pinout,
internal SMD construction, as well as low ripple and noise and high efficiency.
This series also has short circuit protection and RoHS compliance.
Size: 1.25in x 0.8in x 0.40in (31.8mm x 20.30mm x 10.20mm)
MODEL SELECTION TABLE
Non-Regulated Single Output Models
Model Number(1)
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Output Power
Efficiency
LANCY-05S05
5VDC
5VDC
360mA
50mVp-p
1.8W
70%
LANCY-05S09
9VDC
200mA
50mVp-p
1.8W
70%
LANCY-05S12
12VDC
150mA
50mVp-p
1.8W
75%
LANCY-05S15
15VDC
120mA
50mVp-p
1.8W
75%
LANCY-05S24
24VDC
75mA
50mVp-p
1.8W
80%
LANCY-09S05
9VDC
5VDC
360mA
50mVp-p
1.8W
70%
LANCY-09S09
9VDC
200mA
50mVp-p
1.8W
70%
LANCY-09S12
12VDC
150mA
50mVp-p
1.8W
75%
LANCY-09S15
15VDC
120mA
50mVp-p
1.8W
75%
LANCY-09S24
24VDC
75mA
50mVp-p
1.8W
80%
LANCY-12S05
12VDC
5VDC
360mA
50mVp-p
1.8W
70%
LANCY-12S09
9VDC
200mA
50mVp-p
1.8W
70%
LANCY-12S12
12VDC
150mA
50mVp-p
1.8W
75%
LANCY-12S15
15VDC
120mA
50mVp-p
1.8W
75%
LANCY-12S24
24VDC
75mA
50mVp-p
1.8W
80%
LANCY-15S05
15VDC
5VDC
360mA
50mVp-p
1.8W
70%
LANCY-15S09
9VDC
200mA
50mVp-p
1.8W
70%
LANCY-15S12
12VDC
150mA
50mVp-p
1.8W
75%
LANCY-15S15
15VDC
120mA
50mVp-p
1.8W
75%
LANCY-15S24
24VDC
75mA
50mVp-p
1.8W
80%
LANCY-24S05
24VDC
5VDC
360mA
50mVp-p
1.8W
70%
LANCY-24S09
9VDC
200mA
50mVp-p
1.8W
70%
LANCY-24S12
12VDC
150mA
50mVp-p
1.8W
75%
LANCY-24S15
15VDC
120mA
50mVp-p
1.8W
75%
LANCY-24S24
24VDC
75mA
50mVp-p
1.8W
80%


Similar Part No. - LANCY-05S05R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCY3 WALL-LANCY3 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3-05D05 WALL-LANCY3-05D05 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3-05D09 WALL-LANCY3-05D09 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3-05D12 WALL-LANCY3-05D12 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3-05D15 WALL-LANCY3-05D15 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - LANCY-05S05R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DH40 WALL-DH40 Datasheet
1Mb / 13P
   2:1 Wide Input Voltage Ranges
DC100 WALL-DC100 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
   2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
   2:1 Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
   2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
   2:1 Input Voltage Ranges
DCHBW150 WALL-DCHBW150 Datasheet
734Kb / 8P
   4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com