Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCB1-05D12S Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCB1-05D12S
Description  1 Watt DC/DC Converter Single and Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCB1-05D12S Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCB1-05D12S Datasheet HTML 1Page - Wall Industries,Inc. DCB1-05D12S Datasheet HTML 2Page - Wall Industries,Inc. DCB1-05D12S Datasheet HTML 3Page - Wall Industries,Inc. DCB1-05D12S Datasheet HTML 4Page - Wall Industries,Inc. DCB1-05D12S Datasheet HTML 5Page - Wall Industries,Inc. DCB1-05D12S Datasheet HTML 6Page - Wall Industries,Inc. DCB1-05D12S Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev A
DCB1 SERIES
1 Watt
DC/DC Converter
Single and Dual Outputs
2/16/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 7
Surface Mount
Through Hole
FEATURES
Wide Input Voltage Ranges
7 Pin Surface Mount or 14 Pin
Through Hole Packages Available
Low Ripple & Noise
100% Burn In
Input Filter with Internal Capacitor
RoHS Converter Certified by SGS
Custom Designs Available
DESCRIPTION
The DCB1 series of DC/DC converters offers up to 1 watt of output power in a
compact 0.76” x 0.37” x 0.24” surface mount or 0.80” x 0.40” x 0.27” through hole
package. This series consists of single and dual outputs with wide input voltage
ranges and low ripple & noise. This series has an input filter with internal capacitor, is
RoHS compliant, and has been 100% burned-in. Please call factory for order details.
Size: 0.76 x 0.37 x 0.24in
Size: 0.80 x 0.40 x 0.27in
MODEL SELECTION TABLE
Single Output Models
Model Number(1)
Input Voltage
Range
Output
Voltage
Max. Output
Current
Input Current
Output Ripple
Efficiency
Load
Regulation(2)
Output
Power
No Load
Max. Load
Surface Mount Through Hole
DCB1-05S05X
5VDC
(4.5~5.5VDC)
5VDC
200mA
30mA
253mA
253mA
60mV
79%
±8%
1 Watt
DCB1-05S12X
12VDC
84mA
28mA
255mA
254mA
100mV
79%
DCB1-05S15X
15VDC
67mA
28mA
251mA
250mA
120mV
80%
DCB1-12S05X
12VDC
(10.8~13.2VDC)
5VDC
200mA
18mA
105mA
105mA
60mV
79%
DCB1-12S12X
12VDC
84mA
18mA
104mA
104mA
100mV
80%
DCB1-12S15X
15VDC
67mA
15mA
105mA
105mA
120mV
80%
DCB1-24S33X
24VDC
(21.6~26.4VDC)
3.3VDC
303mA
5mA
56mA
56mA
50mV
74%
DCB1-24S05X
5VDC
200mA
4mA
54mA
54mA
60mV
77%
DCB1-24S12X
12VDC
84mA
4mA
55mA
55mA
100mV
76%
DCB1-24S15X
15VDC
67mA
4mA
55mA
55mA
120mV
76%
MODEL SELECTION TABLE
Dual Output Models
Model Number(1)
Input Voltage
Range
Output
Voltage
Max. Output
Current
Input Current
Output
Ripple
Efficiency
Load
Regulation(2)
Output
Power
No Load
Max. Load
Surface Mount Through Hole
DCB1-05D33X
5VDC
(4.5~5.5VDC)
±3.3VDC
±150mA
30mA
274mA
274mA
60mV
73%
±12%
1 Watt
DCB1-05D5X
±5VDC
±100mA
30mA
623mA
263mA
60mV
76%
±10%
DCB1-05D12X
±12VDC
±42mA
28mA
255mA
253mA
100mV
79%
±10%
DCB1-05D15X
±15VDC
±34mA
28mA
255mA
250mA
120mV
80%
±8%
DCB1-05D55X
5/5VDC
100mA/100mA
30mA
263mA
263mA
60mV
76%
±8%
DCB1-05D515X
5/15VDC
100mA/33mA
28mA
250mA
250mA
120mV
80%
±8%
DCB1-12D5X
12VDC
(10.8~13.2VDC)
±5VDC
±100mA
18mA
104mA
104mA
60mV
80%
±8%
DCB1-12D12X
±12VDC
±42mA
18mA
104mA
104mA
100mV
80%
±8%
DCB1-12D55X
5/5VDC
100mA/100mA
18mA
107mA
107mA
60mV
78%
±8%
DCB1-12D512X
5/12VDC
100mA/42mA
18mA
104mA
104mA
100mV
80%
±8%
DCB1-12D515X
5/15VDC
100mA/33mA
18mA
106mA
106mA
120mV
78%
±8%
DCB1-24D33X
24VDC
(21.6~26.4VDC)
±3.3VDC
±150mA
5mA
56mA
56mA
60mV
74%
±8%
DCB1-24D5X
±5VDC
±100mA
4mA
55mA
55mA
60mV
76%
±8%
DCB1-24D12X
±12VDC
±42mA
4mA
55mA
55mA
100mV
76%
±8%
DCB1-24D55X
5/5VDC
100mA/100mA
5mA
54mA
54mA
60mV
76%
±8%


Similar Part No. - DCB1-05D12S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCB15PNBTD ETC2-DCB15PNBTD Datasheet
811Kb / 6P
   Plug viewed from above, socket viewed from below.
logo
Yamar Electronics Ltd.
DCB1M YAMAR-DCB1M Datasheet
4Mb / 47P
   UART/SPI/I2C Over Powerline Transceiver
R 0.84
More results

Similar Description - DCB1-05D12S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
DCMFPU01H WALL-DCMFPU01H Datasheet
347Kb / 5P
   1 Watt DC/DC Converter Single and Dual Outputs
logo
CET Technology, LLC
CT-13DS1 CETTECHNOLOGY-CT-13DS1 Datasheet
397Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-1W CETTECHNOLOGY-CT-12D-1W Datasheet
774Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-6KV CETTECHNOLOGY-CT-12D-6KV Datasheet
675Kb / 2P
   6000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com