Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC327MS8GE Datasheet(PDF) 3 Page - Analog Devices

Part No. HMC327MS8GE
Description  GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

HMC327MS8GE Datasheet(HTML) 3 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 4
Power Compression @ 3.5 GHz
Output IP3 vs. Temperature
Noise Figure vs. Temperature
Gain & Power vs. Supply Voltage
Reverse Isolation vs. Temperature
Power Down Isolation
18
20
22
24
26
28
22
24
26
28
30
32
4.75
5
5.25
Gain
P1dB
Psat
Vcc SUPPLY VOLTAGE (V)
0
2
4
6
8
10
3
3.5
4
4.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
8
16
24
32
40
48
-5
-1
3
7
11
15
Pout
Gain
PAE
INPUT POWER (dBm)
14
19
24
29
34
39
44
2.5
3
3.5
4
4.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
2.5
3
3.5
4
4.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-30
-20
-10
0
2.5
3
3.5
4
4.5
FREQUENCY (GHz)
HMC327MS8G / 327MS8GE
v05.0509
GaAs InGaP HBT MMIC
1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn