Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBA1-5D05H6 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCHBA1-5D05H6
Description  1 Watt Medical Isolated DC/DC Converters Non-Regulated Single and Dual Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBA1-5D05H6 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCHBA1-5D05H6 Datasheet HTML 1Page - Wall Industries,Inc. DCHBA1-5D05H6 Datasheet HTML 2Page - Wall Industries,Inc. DCHBA1-5D05H6 Datasheet HTML 3Page - Wall Industries,Inc. DCHBA1-5D05H6 Datasheet HTML 4Page - Wall Industries,Inc. DCHBA1-5D05H6 Datasheet HTML 5Page - Wall Industries,Inc. DCHBA1-5D05H6 Datasheet HTML 6Page - Wall Industries,Inc. DCHBA1-5D05H6 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev C
DCHBA1 SERIES
1 Watt
Medical Isolated DC/DC Converters
Non-Regulated Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 7
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
Nominal Input and Full Load
See Table
Switching Frequency
80
kHz
Isolation Voltage
Input to Output
Test duration 1 second
6400
VDC
Isolation Resistance
500VDC
15
G
Ω
Isolation Capacitance
10
pF
PHYSICAL SPECIFICATIONS
Weight
0.15oz (4.3g) typ.
Dimensions (L x W x H)
0.77in x 0.50in x 0.39in
(19.5mm x 12.5mm x 9.8mm)
Case Material
Plastic (UL94 V-0)
Potting Material
Epoxy (UL94 V-0)
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC 60950-1
EN 60950-1
IEC 60601-1
EN60601-1
NOTES
(1)
For 8KVDC I/O isolation replace the “H6” suffix in the model number with “H8” (Ex. DCHBA1-12S12H8)
(2)
For each output.
(3)
Typical value tested at nominal input and full load.
*Due to advances in technology, specifications are subject to change without notice.


Similar Part No. - DCHBA1-5D05H6

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBA1-5S05H6 WALL-DCHBA1-5S05H6 Datasheet
652Kb / 7P
   1 Watt Medical Isolated DC - DC Converters Non-Regulated Single and Dual Outputs
DCHBA1-5S09H6 WALL-DCHBA1-5S09H6 Datasheet
652Kb / 7P
   1 Watt Medical Isolated DC - DC Converters Non-Regulated Single and Dual Outputs
DCHBA1-5S12H6 WALL-DCHBA1-5S12H6 Datasheet
652Kb / 7P
   1 Watt Medical Isolated DC - DC Converters Non-Regulated Single and Dual Outputs
DCHBA1-5S15H6 WALL-DCHBA1-5S15H6 Datasheet
652Kb / 7P
   1 Watt Medical Isolated DC - DC Converters Non-Regulated Single and Dual Outputs
DCHBA1-5S33H6 WALL-DCHBA1-5S33H6 Datasheet
652Kb / 7P
   1 Watt Medical Isolated DC - DC Converters Non-Regulated Single and Dual Outputs
More results

Similar Description - DCHBA1-5D05H6

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBA1 WALL-DCHBA1 Datasheet
652Kb / 7P
   1 Watt Medical Isolated DC - DC Converters Non-Regulated Single and Dual Outputs
DCHBA2 WALL-DCHBA2 Datasheet
593Kb / 7P
   2 Watts Medical Isolated DC - DC Power Converter Non-Regulated Single and Dual Outputs
DCHBA2 WALL-DCHBA2_18 Datasheet
594Kb / 7P
   2 Watts Medical Isolated DC/DC Power Converter Non-Regulated Single & Dual Outputs
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com