Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMAW1-24D12 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMAW1-24D12
Description  1 Watt DC/DC Power Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMAW1-24D12 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMAW1-24D12 Datasheet HTML 1Page - Wall Industries,Inc. DCMAW1-24D12 Datasheet HTML 2Page - Wall Industries,Inc. DCMAW1-24D12 Datasheet HTML 3Page - Wall Industries,Inc. DCMAW1-24D12 Datasheet HTML 4Page - Wall Industries,Inc. DCMAW1-24D12 Datasheet HTML 5Page - Wall Industries,Inc. DCMAW1-24D12 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev A
DCMAW1 SERIES
1 Watt DC/DC Power Converters
12/06/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
SPECIFICATIONS: DCMAW1 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5VDC nominal input models
4.5
5
9
VDC
12VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
48VDC nominal input models
36
48
75
Input Surge Voltage (1 sec. max.)
5VDC nominal input models
-0.7
15
VDC
12VDC nominal input models
-0.7
25
24VDC nominal input models
-0.7
50
48VDC nominal input models
-0.7
100
Start-up Threshold Voltage
5VDC nominal input models
4.5
VDC
12VDC nominal input models
9
24VDC nominal input models
18
48VDC nominal input models
36
Input Current
See Table
Reflected Ripple Current
See Table
Input Fuse
5VDC nominal input models
500mA slow-blow type
12VDC nominal input models
250mA slow-blow type
24VDC nominal input models
120mA slow-blow type
48VDC nominal input models
60mA slow-blow type
Internal Filter Type
All models
capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Setting Accuracy
At 50% load and nominal Vin
±1.0
%Vnom
.
Line Regulation
Low line to high line
±0.2
%
Load Regulation
No load to full load
Single Output Models
±1.0
%
Dual Output Models
±1.0
10% load to 90% load
Single Output Models
±0.5
%
Dual Output Models
±0.8
Minimum Load
No minimum load requirements
Output Power
1
W
Output Current
See Table
Ripple & Noise
20MHz bandwidth
50
mVp-p
Transient Recovery Time
25% load step change
250
µs
Temperature Coefficient
±0.02
%/°C
PROTECTION
Short Circuit Protection
Continuous
GENERAL
Efficiency
See Table
Switching Frequency
220
KHz
Isolation Voltage (Input to Output)
60 seconds
1500
VDC
Isolation Resistance
500VDC
1000
M
Ω
Isolation Capacitance
100kHz, 1V
50
pF
Maximum Capacitive Load
See Table
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature Range
Natural convection
-40
+85
°C
Case Temperature
+105
°C
Storage Temperature
-55
+125
°C
Humidity
Non-condensing
95
% RH
Cooling
natural convection
Lead Temperature
1.5mm from case for 10 seconds
260
°C
MTBF (calculated)
MIL-HDBK-217F at 25°C, Ground Benign
2,800,000
hours
PHYSICAL SPECIFICATIONS
Weight
0.46oz (12.9g)
Dimensions (L x W x H)
0.67 x 0.30 x 0.43 inch
(17.0 x 7.62 x 11.0 mm)
Case Material
Flammability to UL 94V-0 rated
Non-conductive black plastic
Pin Material
Alloy 42
SAFETY & EMC
Safety Approvals (pending)
CSA 60950-1 recognition, IEC/EN 60950-1 (CB-scheme)
*Due to advances in technology, specifications are subject to change without notice.


Similar Part No. - DCMAW1-24D12

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DCMA-37-NMB-K47FO ITT-DCMA-37-NMB-K47FO Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
logo
List of Unclassifed Man...
DCMA-37P ETC1-DCMA-37P Datasheet
78Kb / 3P
   D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
ITT Industries
DCMA-37P ITT-DCMA-37P Datasheet
35Kb / 1P
   Datasheet for part number DCMA-37P
logo
List of Unclassifed Man...
DCMA-37P-FO ETC1-DCMA-37P-FO Datasheet
78Kb / 3P
   D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
ITT Industries
DCMA-37S-NMB-K47FO ITT-DCMA-37S-NMB-K47FO Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DCMAW1-24D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMSAU1 WALL-DCMSAU1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
RC12D12-42NH WALL-RC12D12-42NH Datasheet
478Kb / 5P
   1 Watt DC/DC Power Converters
DCMSW1 WALL-DCMSW1 Datasheet
708Kb / 5P
   1 Watt DC/DC Power Converters
DCMSAU1 WALL-DCMSAU1_18 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
RCSERIES WALL-RCSERIES Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
DCSD01 WALL-DCSD01 Datasheet
530Kb / 5P
   1 Watt DC/DC Power Converters
RC33S33-303NH WALL-RC33S33-303NH Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com