Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANCY-09S15 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANCY-09S15
Description  Wide Input Voltage Ranges
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANCY-09S15 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANCY-09S15 Datasheet HTML 1Page - Wall Industries,Inc. LANCY-09S15 Datasheet HTML 2Page - Wall Industries,Inc. LANCY-09S15 Datasheet HTML 3Page - Wall Industries,Inc. LANCY-09S15 Datasheet HTML 4Page - Wall Industries,Inc. LANCY-09S15 Datasheet HTML 5Page - Wall Industries,Inc. LANCY-09S15 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev A
LANCY SERIES
1.8 Watts
DC/DC Converter
Single & Dual Output
3/30/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 6
MODEL SELECTION TABLE
Regulated Dual Output Models
Model Number(1)
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Output Power
Efficiency
LANCY-05D12R
5VDC
±12VDC
±75mA
50mVp-p
1.8W
60%
LANCY-05D15R
±15VDC
±60mA
50mVp-p
1.8W
60%
LANCY-05D24R
±24VDC
±38mA
50mVp-p
1.8W
60%
LANCY-09D12R
9VDC
±12VDC
±75mA
50mVp-p
1.8W
60%
LANCY-09D15R
±15VDC
±60mA
50mVp-p
1.8W
60%
LANCY-09D24R
±24VDC
±38mA
50mVp-p
1.8W
60%
LANCY-12D12R
12VDC
±12VDC
±75mA
50mVp-p
1.8W
60%
LANCY-12D15R
±15VDC
±60mA
50mVp-p
1.8W
60%
LANCY-12D24R
±24VDC
±38mA
50mVp-p
1.8W
60%
LANCY-15D12R
15VDC
±12VDC
±75mA
50mVp-p
1.8W
60%
LANCY-15D15R
±15VDC
±60mA
50mVp-p
1.8W
60%
LANCY-15D24R
±24VDC
±38mA
50mVp-p
1.8W
60%
LANCY-24D12R
24VDC
±12VDC
±75mA
50mVp-p
1.8W
60%
LANCY-24D15R
±15VDC
±60mA
50mVp-p
1.8W
60%
LANCY-24D24R
±24VDC
±38mA
50mVp-p
1.8W
60%
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Tolerance
Vo, Io Nom
±10
%
Input Filter
Capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±5
%
Line Regulation
Unregulated (For 1% of Vin)
1.2
%
Regulated
±0.3
Load Regulation
Unregulated (20% to 100% FL)
10
%
Regulated
±0.5
Output Power
See Table
Output Current
See Table
Ripple & Noise
BW=DC to 20MHz
50
mVp-p
PROTECTION
Short Circuit Protection
Unregulated
Short Term
Regulated
Continuous
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40
+85
ºC
Humidity
Non Condensing
95
%
Cooling
Free Air Convection
MTBF
MIL-HDBK-217F @25ºC
2,500,000
Hours
MIL-HDBK-217F @25ºC, Regulated
1,500,000
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Full Load, Nominal Input
50
KHz
Isolation Resistance
500VDC
1000
M
PHYSICAL SPECIFICATIONS
Weight
0.55oz (15.5g)
Dimensions (L x W x H)
1.25in x 0.8in x 0.40in
(31.8mm x 20.30mm x 10.20mm)
Case Material
DAP
NOTES
1.
As the input increases, there will be an increase in efficiency.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - LANCY-09S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCY3 WALL-LANCY3 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3-05D05 WALL-LANCY3-05D05 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3-05D09 WALL-LANCY3-05D09 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3-05D12 WALL-LANCY3-05D12 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3-05D15 WALL-LANCY3-05D15 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - LANCY-09S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DH40 WALL-DH40 Datasheet
1Mb / 13P
   2:1 Wide Input Voltage Ranges
DC100 WALL-DC100 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
   2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
   2:1 Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
   2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
   2:1 Input Voltage Ranges
DCHBW150 WALL-DCHBW150 Datasheet
734Kb / 8P
   4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com