Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANCY-09S12 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANCY-09S12
Description  Wide Input Voltage Ranges
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANCY-09S12 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANCY-09S12 Datasheet HTML 1Page - Wall Industries,Inc. LANCY-09S12 Datasheet HTML 2Page - Wall Industries,Inc. LANCY-09S12 Datasheet HTML 3Page - Wall Industries,Inc. LANCY-09S12 Datasheet HTML 4Page - Wall Industries,Inc. LANCY-09S12 Datasheet HTML 5Page - Wall Industries,Inc. LANCY-09S12 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev A
LANCY SERIES
1.8 Watts
DC/DC Converter
Single & Dual Output
3/30/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
MODEL SELECTION TABLE
Regulated Single Output Models
Model Number(1)
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Output Power
Efficiency
LANCY-05S05R
5VDC
5VDC
360mA
50mVp-p
1.8W
58%
LANCY-05S09R
9VDC
200mA
50mVp-p
1.8W
60%
LANCY-05S12R
12VDC
150mA
50mVp-p
1.8W
60%
LANCY-05S15R
15VDC
120mA
50mVp-p
1.8W
60%
LANCY-05S24R
24VDC
75mA
50mVp-p
1.8W
60%
LANCY-09S05R
9VDC
5VDC
360mA
50mVp-p
1.8W
58%
LANCY-09S09R
9VDC
200mA
50mVp-p
1.8W
60%
LANCY-09S12R
12VDC
150mA
50mVp-p
1.8W
60%
LANCY-09S15R
15VDC
120mA
50mVp-p
1.8W
60%
LANCY-09S24R
24VDC
75mA
50mVp-p
1.8W
60%
LANCY-12S05R
12VDC
5VDC
360mA
50mVp-p
1.8W
58%
LANCY-12S09R
9VDC
200mA
50mVp-p
1.8W
60%
LANCY-12S12R
12VDC
150mA
50mVp-p
1.8W
60%
LANCY-12S15R
15VDC
120mA
50mVp-p
1.8W
60%
LANCY-12S24R
24VDC
75mA
50mVp-p
1.8W
60%
LANCY-15S05R
15VDC
5VDC
360mA
50mVp-p
1.8W
58%
LANCY-15S09R
9VDC
200mA
50mVp-p
1.8W
60%
LANCY-15S12R
12VDC
150mA
50mVp-p
1.8W
60%
LANCY-15S15R
15VDC
120mA
50mVp-p
1.8W
60%
LANCY-15S24R
24VDC
75mA
50mVp-p
1.8W
60%
LANCY-24S05R
24VDC
5VDC
360mA
50mVp-p
1.8W
58%
LANCY-24S09R
9VDC
200mA
50mVp-p
1.8W
60%
LANCY-24S12R
12VDC
150mA
50mVp-p
1.8W
60%
LANCY-24S15R
15VDC
120mA
50mVp-p
1.8W
60%
LANCY-24S24R
24VDC
75mA
50mVp-p
1.8W
60%
MODEL SELECTION TABLE
Non-Regulated Dual Output Models
Model Number(1)
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Output Power
Efficiency
LANCY-05D05
5VDC
±5VDC
±180mA
50mVp-p
1.8W
70%
LANCY-05D09
±9VDC
±100mA
50mVp-p
1.8W
70%
LANCY-05D12
±12VDC
±75mA
50mVp-p
1.8W
75%
LANCY-05D15
±15VDC
±60mA
50mVp-p
1.8W
75%
LANCY-05D24
±24VDC
±38mA
50mVp-p
1.8W
80%
LANCY-09D05
9VDC
±5VDC
±180mA
50mVp-p
1.8W
70%
LANCY-09D09
±9VDC
±100mA
50mVp-p
1.8W
70%
LANCY-09D12
±12VDC
±75mA
50mVp-p
1.8W
75%
LANCY-09D15
±15VDC
±60mA
50mVp-p
1.8W
75%
LANCY-09D24
±24VDC
±38mA
50mVp-p
1.8W
80%
LANCY-12D05
12VDC
±5VDC
±180mA
50mVp-p
1.8W
70%
LANCY-12D09
±9VDC
±100mA
50mVp-p
1.8W
70%
LANCY-12D12
±12VDC
±75mA
50mVp-p
1.8W
75%
LANCY-12D15
±15VDC
±60mA
50mVp-p
1.8W
75%
LANCY-12D24
±24VDC
±38mA
50mVp-p
1.8W
80%
LANCY-15D05
15VDC
±5VDC
±180mA
50mVp-p
1.8W
70%
LANCY-15D09
±9VDC
±100mA
50mVp-p
1.8W
70%
LANCY-15D12
±12VDC
±75mA
50mVp-p
1.8W
75%
LANCY-15D15
±15VDC
±60mA
50mVp-p
1.8W
75%
LANCY-15D24
±24VDC
±38mA
50mVp-p
1.8W
80%
LANCY-24D05
24VDC
±5VDC
±180mA
50mVp-p
1.8W
70%
LANCY-24D09
±9VDC
±100mA
50mVp-p
1.8W
70%
LANCY-24D12
±12VDC
±75mA
50mVp-p
1.8W
75%
LANCY-24D15
±15VDC
±60mA
50mVp-p
1.8W
75%
LANCY-24D24
±24VDC
±38mA
50mVp-p
1.8W
80%


Similar Part No. - LANCY-09S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCY3 WALL-LANCY3 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3-05D05 WALL-LANCY3-05D05 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3-05D09 WALL-LANCY3-05D09 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3-05D12 WALL-LANCY3-05D12 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3-05D15 WALL-LANCY3-05D15 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - LANCY-09S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DH40 WALL-DH40 Datasheet
1Mb / 13P
   2:1 Wide Input Voltage Ranges
DC100 WALL-DC100 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
   2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
   2:1 Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
   2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
   2:1 Input Voltage Ranges
DCHBW150 WALL-DCHBW150 Datasheet
734Kb / 8P
   4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com