Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSDW01-48S33 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCSDW01-48S33
Description  Up to 1.08 Watts DC/DC Converter Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCSDW01-48S33 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCSDW01-48S33 Datasheet HTML 1Page - Wall Industries,Inc. DCSDW01-48S33 Datasheet HTML 2Page - Wall Industries,Inc. DCSDW01-48S33 Datasheet HTML 3Page - Wall Industries,Inc. DCSDW01-48S33 Datasheet HTML 4Page - Wall Industries,Inc. DCSDW01-48S33 Datasheet HTML 5Page - Wall Industries,Inc. DCSDW01-48S33 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev A
DCSDW01 SERIES
Up to 1.08 Watts
DC/DC Converter
Single and Dual Output
5/9/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 6
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
100
kHz
Isolation Voltage
1 minute
Standard
1600
VDC
Suffix “H”
3000
Isolation Resistance
500VDC
1
G
Ω
Isolation Capacitance
Standard
50
pF
Suffix “H”
50
PHYSICAL SPECIFICATIONS
Weight
0.10oz (2.7g)
Dimensions (L x W x H)
Through Hole Models (Standard)
0.52in x 0.36in x 0.40in
(14.2mm x 9.1mm x 10.2mm)
Surface Mount Models (“S” Suffix)
0.56in x 0.36in x 0.40in
(14.2mm x 9.1mm x 10.2mm)
Case Material
Non-Conductive Black Plastic
Base Material
Non-Conductive Black Plastic
Potting Material
Silicone (UL94 V-0)
SAFETY CHARACTERISTICS
Safety Approvals
UL60950-1
EN60950-1
IEC60950-1
EMI(2)
EN55022
Class A
Class B
ESD
EN61000-4-2
Air ±8kV
Perf. Criteria A
Contact ±6kV
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient(3)
EN61000-4-4
±2kV
Perf. Criteria A
Surge(3)
EN61000-4-5
±1kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vr.m.s.
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-8
100A/m continuous; 1000A/m 1 second
Perf. Criteria A
NOTES
1.
“S” added at the end of the model number represents SMT (surface mount) package type.
2.
The standard module meets EMI Class A or Class B and input reflected current with external components. Please contact factory for more
information.
3.
An external input filter capacitor is required if the module will meet EN61000-4-4, EN61000-4-5.
Suggested filter capacitor: Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
*Due to advances in technology, specifications are subject to change without notice.


Similar Part No. - DCSDW01-48S33

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DCSDW02-12D05 WALL-DCSDW02-12D05 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DCSDW02-12D05SH WALL-DCSDW02-12D05SH Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DCSDW02-12D12 WALL-DCSDW02-12D12 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DCSDW02-12D12SH WALL-DCSDW02-12D12SH Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
More results

Similar Description - DCSDW01-48S33

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com