Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSDW01-24S05 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCSDW01-24S05
Description  Up to 1.08 Watts DC/DC Converter Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCSDW01-24S05 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCSDW01-24S05 Datasheet HTML 1Page - Wall Industries,Inc. DCSDW01-24S05 Datasheet HTML 2Page - Wall Industries,Inc. DCSDW01-24S05 Datasheet HTML 3Page - Wall Industries,Inc. DCSDW01-24S05 Datasheet HTML 4Page - Wall Industries,Inc. DCSDW01-24S05 Datasheet HTML 5Page - Wall Industries,Inc. DCSDW01-24S05 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev A
DCSDW01 SERIES
Up to 1.08 Watts
DC/DC Converter
Single and Dual Output
5/9/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
12Vin(nominal)
4.5
12
18
VDC
24Vin(nominal)
9
24
36
48Vin(nominal)
18
48
75
Input Surge Voltage
1 second, max.
12Vin(nominal)
25
VDC
24Vin(nominal)
50
48Vin(nominal)
100
Input Reflected Ripple Current(2)
12Vin(nominal)
15
mAp-p
24Vin(nominal)
10
48Vin(nominal)
5
Input Filter
Capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load Regulation
No Load to Full Load
Single
-1.0
+1.0
%
Dual
-1.0
+1.0
10% Load to 90% Load
Single
-0.5
+0.5
Dual
-0.8
+0.8
Output Power
1.08
W
Output Current
See Table
Maximum Capacitive Load
See Table
Cross Regulation
Asymmetrical Load 25%/100% FL; Dual
-5.0
+5.0
%
Ripple & Noise (20MHz bandwidth)
30
mVp-p
Transient Response Recovery Time
25% load step change
500
µs
Start-Up Time
Constant Resistive Load
Power Up
5
10
ms
Remote ON/OFF
5
10
Temperature Coefficient
-0.02
+0.02
%/ºC
REMOTE ON/OFF CONTROL
CTRL pin applied current via 1k
Ω
DC-DC ON
Open or High Impedance
mA
DC-DC OFF
2.0
3.0
4.0
Remote Off Input Current
2.5
mA
Application Circuit
DC-DC ON
DC-DC OFF
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
Without Derating
-40
+90
ºC
Derating
+90
+105
Storage Temperature
-55
+125
ºC
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative Humidity
5
95
% RH
Lead-Free Reflow Solder Process
IPC J-STD-020D
Moisture Sensitivity (MSL)
IPC J-STD-033B Level 2
MTBF
MIL-HDBK-217F, Full Load
8,401,000
Hours


Similar Part No. - DCSDW01-24S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DCSDW02-12D05 WALL-DCSDW02-12D05 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DCSDW02-12D05SH WALL-DCSDW02-12D05SH Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DCSDW02-12D12 WALL-DCSDW02-12D12 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DCSDW02-12D12SH WALL-DCSDW02-12D12SH Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
More results

Similar Description - DCSDW01-24S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com