Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMA01-24S033HI Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMA01-24S033HI
Description  1 Watt DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMA01-24S033HI Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMA01-24S033HI Datasheet HTML 1Page - Wall Industries,Inc. DCMA01-24S033HI Datasheet HTML 2Page - Wall Industries,Inc. DCMA01-24S033HI Datasheet HTML 3Page - Wall Industries,Inc. DCMA01-24S033HI Datasheet HTML 4Page - Wall Industries,Inc. DCMA01-24S033HI Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev A
DCMA01-HI SERIES
1 Watt
DC/DC Converter
Single and Dual Output
10/14/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, Resistive Load, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
±10
%
Input Surge Voltage (1 sec. max.)
5V Input Models
-0.7
9
VDC
12V Input Models
-0.7
18
15V Input Models
-0.7
20
24V Input Models
-0.7
30
Input Voltage Range
5V Input Models
4.5
5
5.5
VDC
12V Input Models
10.8
12
13.2
15V Input Models
13.5
15
16.5
24V Input Models
21.6
24
26.4
Input Filter
All Models
Internal Capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±5.0
%Vnom
Line Regulation
For Vin Change of 1%
±1.2
%
Load Regulation
Io=20% to 100%
See Table
Voltage Balance
Dual Output, Balanced Loads
±0.1
±1.0
%
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
See Table
Ripple & Noise
0-20MHz Bandwidth
100
Mvp-p
Temperature Coefficient
±0.01
±0.02
%/ºC
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Natural Convection
-40
+85
ºC
Storage Temperature
-55
+125
ºC
Humidity
Non-Condensing
95
%RH
Case Temperature
+100
ºC
Lead Temperature
1.5mm from Case for 10sec.
260
ºC
Cooling
Natural Convection
MTBF (Calculated)
MIL-HDBK-217F@25ºC, Ground Benign
2,000,000 Hours
GENERAL SPECIFICATIONS
Typ. Efficiency
@Max. Load
See Table
Switching Frequency
100
KHz
Isolation Voltage
Rated for 60 Seconds
5200
VDC
Tested for 1 Second
5700
Isolation Resistance
500VDC
10
G
Ω
Isolation Capacitance
100KHz, 1V
7
pF
Common Mode Transient Immunity
15
KVµs
PHYSICAL SPECIFICATIONS
Weight
0.085oz (2.4g)
Dimensions (L x W x H)
0.77in x 0.40in x 0.28in
(19.5mm x 10.2mm x 7.1mm)
Case Material
Non-Conductive Black Plastic
(Flammability to UL 94V-0 Rated)
Pin Material
Alloy 42
SAFETY CHARACTERISTICS
Safety Approvals
UL/cUL 60950-1 recognition (CSA Certificate), IEC/EN 60950-1 (CB Report)
NOTES
1.
# for each output.
2.
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage
these modules; however they may not meet all specifications listed.
3.
It is recommended to protect the converter by a slow blow fuse in the input supply line.
4.
Other inputs and outputs may be available, please contact factory.
5.
Natural convection is about 20LFM but is not equal to still air (0LFM).
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - DCMA01-24S033HI

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DCMA-37-NMB-K47FO ITT-DCMA-37-NMB-K47FO Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
logo
List of Unclassifed Man...
DCMA-37P ETC1-DCMA-37P Datasheet
78Kb / 3P
   D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
ITT Industries
DCMA-37P ITT-DCMA-37P Datasheet
35Kb / 1P
   Datasheet for part number DCMA-37P
logo
List of Unclassifed Man...
DCMA-37P-FO ETC1-DCMA-37P-FO Datasheet
78Kb / 3P
   D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
ITT Industries
DCMA-37S-NMB-K47FO ITT-DCMA-37S-NMB-K47FO Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DCMA01-24S033HI

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCB1 WALL-DCB1 Datasheet
658Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
DCMFPU01H WALL-DCMFPU01H Datasheet
347Kb / 5P
   1 Watt DC/DC Converter Single and Dual Outputs
logo
CET Technology, LLC
CT-13DS1 CETTECHNOLOGY-CT-13DS1 Datasheet
397Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-1W CETTECHNOLOGY-CT-12D-1W Datasheet
774Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-6KV CETTECHNOLOGY-CT-12D-6KV Datasheet
675Kb / 2P
   6000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com