Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANE Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANE
Description  1 Watts DC/DC Power Converters Single and Dual Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANE_18 Datasheet HTML 1Page - Wall Industries,Inc. LANE_18 Datasheet HTML 2Page - Wall Industries,Inc. LANE_18 Datasheet HTML 3Page - Wall Industries,Inc. LANE_18 Datasheet HTML 4Page - Wall Industries,Inc. LANE_18 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev G
LAN E SERIES
1 Watts
DC/DC Power Converters
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
MODEL SELECTION TABLE
Dual Output Models
Model Number(1) Input Voltage Range
Output Voltage
Output Current
Efficiency
Ripple & Noise
Output Power
Package 1 Package 2
Package 1
Package 2
Package 1 Package 2
LANE3.333ND
3.3VDC
(2.97~3.63VDC)
±3.3VDC
-
±150mA
-
70%
-
100mVp-p
1 Watt
LANE3.305ND
±5VDC
±5VDC
±100mA
±100mA
70%
70%
LANE3.309ND
±9VDC
±9VDC
±56mA
±56mA
75%
75%
LANE3.312ND
±12VDC
±12VDC
±42mA
±42mA
78%
78%
LANE3.315ND
±15VDC
±15VDC
±34mA
±34mA
80%
80%
LANE3.324ND
±24VDC
±24VDC
±21mA
±21mA
82%
82%
LANE533ND
5VDC
(4.5~5.5VDC)
±3.3VDC
-
±150mA
-
70%
-
100mVp-p
1 Watt
LANE505ND
±5VDC
±5VDC
±100mA
±100mA
70%
70%
LANE509ND
±9VDC
±9VDC
±56mA
±56mA
75%
75%
LANE512ND
±12VDC
±12VDC
±42mA
±42mA
78%
78%
LANE515ND
±15VDC
±15VDC
±34mA
±34mA
80%
80%
LANE524ND
±24VDC
±24VDC
±21mA
±21mA
82%
82%
LANE933ND
9VDC
(8.1~9.9VDC)
±3.3VDC
-
±150mA
-
70%
-
100mVp-p
1 Watt
LANE905ND
±5VDC
±5VDC
±100mA
±100mA
70%
70%
LANE909ND
±9VDC
±9VDC
±56mA
±56mA
75%
75%
LANE912ND
±12VDC
±12VDC
±42mA
±42mA
78%
78%
LANE915ND
±15VDC
±15VDC
±34mA
±34mA
80%
80%
LANE924ND
±24VDC
±24VDC
±21mA
±21mA
82%
82%
LANE1233ND
12VDC
(10.8~13.2VDC)
±3.3VDC
-
±150mA
-
70%
-
100mVp-p
1 Watt
LANE1205ND
±5VDC
±5VDC
±100mA
±100mA
70%
70%
LANE1209ND
±9VDC
±9VDC
±56mA
±56mA
75%
75%
LANE1212ND
±12VDC
±12VDC
±42mA
±42mA
78%
78%
LANE1215ND
±15VDC
±15VDC
±34mA
±34mA
80%
80%
LANE1224ND
±24VDC
±24VDC
±21mA
±21mA
82%
82%
LANE1533ND
15VDC
(13.5~16.5VDC)
±3.3VDC
-
±150mA
-
70%
-
100mVp-p
1 Watt
LANE1505ND
±5VDC
±5VDC
±100mA
±100mA
70%
70%
LANE1509ND
±9VDC
±9VDC
±56mA
±56mA
75%
75%
LANE1512ND
±12VDC
±12VDC
±42mA
±42mA
78%
78%
LANE1515ND
±15VDC
±15VDC
±34mA
±34mA
80%
80%
LANE1524ND
±24VDC
±24VDC
±21mA
±21mA
82%
82%
LANE2433ND
24VDC
(21.6~26.4VDC)
±3.3VDC
-
±150mA
-
70%
-
100mVp-p
1 Watt
LANE2405ND
±5VDC
±5VDC
±100mA
±100mA
70%
70%
LANE2409ND
±9VDC
±9VDC
±56mA
±56mA
75%
75%
LANE2412ND
±12VDC
±12VDC
±42mA
±42mA
78%
78%
LANE2415ND
±15VDC
±15VDC
±34mA
±34mA
80%
80%
LANE2424ND
±24VDC
±24VDC
±21mA
±21mA
82%
82%
LANE485NDP
48VDC
(43.2~52.8VDC)
-
±5VDC
-
±100mA
-
70%
100mVp-p
1 Watt
LANE489NDP
-
±9VDC
-
±56mA
-
75%
LANE4812NDP
-
±12VDC
-
±42mA
-
78%
LANE4815NDP
-
±15VDC
-
±34mA
-
80%
LANE4824NDP
-
±24VDC
-
±21mA
-
82%


Similar Part No. - LANE_18

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE512.75RC WALL-LANE512.75RC Datasheet
103Kb / 3P
   Single Output
LANE512N WALL-LANE512N Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANE512N2 WALL-LANE512N2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
LANE512N6KV WALL-LANE512N6KV Datasheet
200Kb / 8P
   Single and Dual Output 1 Watt DC/DC Converter 7 pin SIP with 6KVDC Isolation
LANE512N6KV WALL-LANE512N6KV Datasheet
127Kb / 5P
   1 Watt Output Power 3000VACrms (6000VDC) I/O Isolation
More results

Similar Description - LANE_18

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
ZF12S1.5-6000 WALL-ZF12S1.5-6000 Datasheet
445Kb / 7P
   30 Watts DC/DC Power Converters Single and Dual Outputs
MD12S1.5-6000 WALL-MD12S1.5-6000 Datasheet
534Kb / 8P
   Up to 20 Watts DC/DC Power Converters Single and Dual Outputs
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000 Datasheet
263Kb / 8P
   10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW1300 TOTAL-POWER-MIW1300 Datasheet
488Kb / 7P
   3 Watts 3 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW4000 TOTAL-POWER-MIW4000 Datasheet
348Kb / 8P
   5-6 Watts 4 : 1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Wall Industries,Inc.
CRW WALL-CRW Datasheet
355Kb / 5P
   40 Watt DC/DC Power Converters Single and Dual Outputs
JR5S5-2000 WALL-JR5S5-2000_18 Datasheet
531Kb / 8P
   10 Watt DC/DC Power Converters Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com