Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCNSR-12S09 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCNSR-12S09
Description  1A Output Current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCNSR-12S09 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCNSR-12S09 Datasheet HTML 1Page - Wall Industries,Inc. DCNSR-12S09 Datasheet HTML 2Page - Wall Industries,Inc. DCNSR-12S09 Datasheet HTML 3Page - Wall Industries,Inc. DCNSR-12S09 Datasheet HTML 4Page - Wall Industries,Inc. DCNSR-12S09 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. B
DCNSR Series
1.5 to 15 Watts
1A Output Current
Non-Isolated DC/DC Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
09/18/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
CHARACTERISTICS (POSITIVE OUTPUT)
DCNSR-12S05 Derating Curve
DCNSR-12S05 Efficiency vs Input Voltage
DCNSR-12S05 Efficiency vs Output Load
CHARACTERISTICS (NEGATIVE OUTPUT)
DCNSR-12S05 Derating Curve
DCNSR-12S05 Efficiency vs Input Voltage
DCNSR-12S05 Efficiency vs Output Load
AMBIENT TEMPERATURE (°C)
AMBIENT TEMPERATURE (°C)


Similar Part No. - DCNSR-12S09

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCNSR-12S09 WALL-DCNSR-12S09 Datasheet
300Kb / 5P
   Non-Isolated DC/DC Converters
More results

Similar Description - DCNSR-12S09

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP131 RICOH-RP131 Datasheet
779Kb / 36P
   Output Current Min. 1A
RP132 RICOH-RP132 Datasheet
1Mb / 47P
   Output Current Min. 1A
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
First Components Intern...
LM2575 FCI-LM2575 Datasheet
195Kb / 10P
   1.0A Step - Down Voltage Switching Regulators 1A output current
logo
Toshiba Semiconductor
TA79005SB TOSHIBA-TA79005SB_07 Datasheet
601Kb / 13P
   Output Current of 1A, Three-Terminal Negative Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com