Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMAW1-12S15 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMAW1-12S15
Description  1 Watt DC/DC Power Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMAW1-12S15 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMAW1-12S15 Datasheet HTML 1Page - Wall Industries,Inc. DCMAW1-12S15 Datasheet HTML 2Page - Wall Industries,Inc. DCMAW1-12S15 Datasheet HTML 3Page - Wall Industries,Inc. DCMAW1-12S15 Datasheet HTML 4Page - Wall Industries,Inc. DCMAW1-12S15 Datasheet HTML 5Page - Wall Industries,Inc. DCMAW1-12S15 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev A
DCMAW1 SERIES
1 Watt DC/DC Power Converters
12/06/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 6
TEST
CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-
ripple current is measured with an inductor Lin (4.7µH) and Cin (220µF, ESR < 1.0Ω at 100 KHz) to simulate
source impedance. Capacitor Cin offsets possible battery impedance. Current ripple is measured at the input terminals of the
module. Measurement bandwidth is 0-500 KHz.
Peak-to-Peak Output Noise Measurement Test
Use a 0.47µF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-
20MHz. Position the load between 50mm and 75mm from the DC/DC converter.
DESIGN & FEATURE
CONSIDERATIONS
Maximum Capacitive Load
The DCMAW1 series has a limitation of maximum connected capacitance on the output. The power module may be operated
in current limiting mode during start-up, affecting the ramp-up and the start-up time. The maximum capacitance can be found
in the model selection table.
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can
endure overload for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current
control. The unit operates normally once the output current is brought back into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect
the stability of the power module.
In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at
the input to ensure startup.
A Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality
low Equivalent Series Resistance (ESR < 1
.0Ω at 100KHz) capacitor of 8.2µF for 5VDC nominal input models, a 3.3µF for
12VDC input models, and a 1.5µF for 24VDC and 48VDC input models.


Similar Part No. - DCMAW1-12S15

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DCMA-37-NMB-K47FO ITT-DCMA-37-NMB-K47FO Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
logo
List of Unclassifed Man...
DCMA-37P ETC1-DCMA-37P Datasheet
78Kb / 3P
   D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
ITT Industries
DCMA-37P ITT-DCMA-37P Datasheet
35Kb / 1P
   Datasheet for part number DCMA-37P
logo
List of Unclassifed Man...
DCMA-37P-FO ETC1-DCMA-37P-FO Datasheet
78Kb / 3P
   D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
ITT Industries
DCMA-37S-NMB-K47FO ITT-DCMA-37S-NMB-K47FO Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DCMAW1-12S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMSAU1 WALL-DCMSAU1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
RC12D12-42NH WALL-RC12D12-42NH Datasheet
478Kb / 5P
   1 Watt DC/DC Power Converters
DCMSW1 WALL-DCMSW1 Datasheet
708Kb / 5P
   1 Watt DC/DC Power Converters
DCMSAU1 WALL-DCMSAU1_18 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
RCSERIES WALL-RCSERIES Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
DCSD01 WALL-DCSD01 Datasheet
530Kb / 5P
   1 Watt DC/DC Power Converters
RC33S33-303NH WALL-RC33S33-303NH Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com