Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMAR05-09 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMAR05-09
Description  DC/DC Switching Regulator Single Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMAR05-09 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMAR05-09 Datasheet HTML 1Page - Wall Industries,Inc. DCMAR05-09 Datasheet HTML 2Page - Wall Industries,Inc. DCMAR05-09 Datasheet HTML 3Page - Wall Industries,Inc. DCMAR05-09 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev A
DCMAR05 SERIES
0.5A
DC/DC Switching Regulator
Single Outputs
5/22/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
FEATURES
Industrial Standard SIP-3 Package
Fully Regulated Output Voltage
Low Ripple & Noise
High Efficiency up to 97%
Short Circuit and Over Temperature
Protection
No Minimum Load Requirement
RoHS & REACH Compliant
DESCRIPTION
The DCMAR05 series of DC/DC switching regulators offers 0.5A output current in a
compact 0.45” x 0.30” x 0.40” standard SIP-3 package. This series consists of fully
regulated single output models with high efficiency and low ripple & noise. Each
model in this series has short circuit and over temperature protection, no minimum
load requirement, and is RoHS & REACH compliant. Please contact factory for
order details.
Size: 0.45in x 0.30in x 0.40in (11.5mm x 7.55mm x 10.2mm)
MODEL SELECTION TABLE
Model Number
Input Voltage
Range(1)
Output
Voltage
Max. Output
Current
Ripple &
Noise
Max. Line
Regulation
Max. Load
Regulation
Maximum
Capacitive Load
Typ. Efficiency
@Min. Vin. @Max. Vin
DCMAR05-015
4.75~32VDC
1.5VDC
500mA
30mVp-p
±0.4%
±0.6%
220µF
73%
63%
DCMAR05-018
1.8VDC
500mA
30mVp-p
±0.4%
±0.6%
220µF
82%
71%
DCMAR05-025
2.5VDC
500mA
30mVp-p
±0.4%
±0.6%
220µF
87%
77%
DCMAR05-033
3.3VDC
500mA
30mVp-p
±0.4%
±0.6%
220µF
91%
81%
DCMAR05-05
6.5~32VDC
5VDC
500mA
30mVp-p
±0.4%
±0.6%
220µF
94%
86%
DCMAR05-065
8~32VDC
6.5VDC
500mA
30mVp-p
±0.4%
±0.6%
220µF
95%
88%
DCMAR05-09
11~32VDC
9VDC
500mA
40mVp-p
±0.2%
±0.4%
220µF
96%
92%
DCMAR05-12
15~32VDC
12VDC
500mA
40mVp-p
±0.2%
±0.4%
220µF
97%
94%
DCMAR05-15
18~32VDC
15VDC
500mA
40mVp-p
±0.2%
±0.4%
220µF
97%
95%
SPECIFICATIONS
All specifications are based on 25°C, Resistive Load, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
See Table
Input Surge Voltage
1 sec. max
-0.3
34
VDC
Input Current
@No Load
5
mA
Input Filter
All Models
Internal Capacitor
Internal Filter Type
Capacitor
Short Circuit Input Power
1.5
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±2.0
±3.0
%Vnom.
Line Regulation
Vin=Min. to Max. @Full Load
1.5 to 6.5V Models
±0.2
±0.4
%
9V to 15V Models
±0.1
±0.2
Load Regulation
Io=10% to 100%
1.5 to 6.5V Models
±0.4
±0.6
%
9V to 15V Models
±0.25
±0.4
Output Current
See Table
Minimum Load
No Minimum Load Requirement
Maximum Capacitive Load
See Table
Ripple & Noise
0-20MHz Bandwidth
See Table
Transient Recovery Time
50% Load Step Change
100
µsec
Transient Response Deviation
50% Load Step Change
±2
%
Temperature Coefficient
±0.015
%/ºC
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Temperature Protection
Yes


Similar Part No. - DCMAR05-09

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMAR1 WALL-DCMAR1 Datasheet
230Kb / 4P
   1A DC/DC Switching Regulator Single Outputs
DCMAR1-033 WALL-DCMAR1-033 Datasheet
230Kb / 4P
   1A DC/DC Switching Regulator Single Outputs
DCMAR1-05 WALL-DCMAR1-05 Datasheet
230Kb / 4P
   1A DC/DC Switching Regulator Single Outputs
DCMAR1-12 WALL-DCMAR1-12 Datasheet
230Kb / 4P
   1A DC/DC Switching Regulator Single Outputs
More results

Similar Description - DCMAR05-09

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMAR1 WALL-DCMAR1 Datasheet
230Kb / 4P
   1A DC/DC Switching Regulator Single Outputs
logo
Intersil Corporation
ISL8540 INTERSIL-ISL8540 Datasheet
960Kb / 16P
   DC/DC Power Switching Regulator
logo
Renesas Technology Corp
ISL8560 RENESAS-ISL8560 Datasheet
1Mb / 17P
   DC/DC Power Switching Regulator
ISL8560MR RENESAS-ISL8560MR Datasheet
200Kb / 3P
   DC/DC Power Switching Regulator
November 11, 2011
logo
Toshiba Semiconductor
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
   Switching Regulator, DC/DC Converter
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
   Switching Regulator, DC/DC Converter
logo
Intersil Corporation
ISL8560MR INTERSIL-ISL8560MR Datasheet
100Kb / 2P
   DC/DC Power Switching Regulator
November 11, 2011
ISL8560MREP INTERSIL-ISL8560MREP Datasheet
90Kb / 2P
   DC/DC Power Switching Regulator
logo
Renesas Technology Corp
ISL8540 RENESAS-ISL8540 Datasheet
1Mb / 17P
   DC/DC Power Switching Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com