Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBA1-5S12H6 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # DCHBA1-5S12H6
Description  1 Watt Medical Isolated DC/DC Converters Non-Regulated Single and Dual Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBA1-5S12H6 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  DCHBA1-5S12H6 Datasheet HTML 1Page - Wall Industries,Inc. DCHBA1-5S12H6 Datasheet HTML 2Page - Wall Industries,Inc. DCHBA1-5S12H6 Datasheet HTML 3Page - Wall Industries,Inc. DCHBA1-5S12H6 Datasheet HTML 4Page - Wall Industries,Inc. DCHBA1-5S12H6 Datasheet HTML 5Page - Wall Industries,Inc. DCHBA1-5S12H6 Datasheet HTML 6Page - Wall Industries,Inc. DCHBA1-5S12H6 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev C
DCHBA1 SERIES
1 Watt
Medical Isolated DC/DC Converters
Non-Regulated Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 7
Vin(nominal)
Vin(+10%): Input Voltage=1.1 x Vin(nominal)
Vin(-10%): Input Voltage=0.9 x Vin(nominal)
Vin(nominal): Nominal Input Voltage
7. Load Regulation:
| Vout(FL)-Vout(NL) | x 100%
Vout(FL)
Vout(FL): Output voltage at Full Load
Vout(NL): Output voltage at 25% Full Load or 10% Full Load
8. Ripple and Noise: as shown below. The bandwidth is 0-2MHz
Output Ripple & Noise measurement test circuit: as shown below
9. Temperature Derating Curve: The DC/DC converter will operate over a wider temperature range if less power is drawn from the output and the
device is already running. The temperature derating curve shows the operating power-temperature range. As shown below.
10. Switching Frequency: The nominal operating frequency of the DC/DC converters.
11. Input to Output Isolation: The dielectric breakdown strength test between input and output circuits. This is the isolation voltage the device is
capable of withstanding for a specified time, usually 1 second or 1 minute.


Similar Part No. - DCHBA1-5S12H6

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBA1-5S12H6 WALL-DCHBA1-5S12H6 Datasheet
652Kb / 7P
   1 Watt Medical Isolated DC - DC Converters Non-Regulated Single and Dual Outputs
More results

Similar Description - DCHBA1-5S12H6

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBA1 WALL-DCHBA1 Datasheet
652Kb / 7P
   1 Watt Medical Isolated DC - DC Converters Non-Regulated Single and Dual Outputs
DCHBA2 WALL-DCHBA2 Datasheet
593Kb / 7P
   2 Watts Medical Isolated DC - DC Power Converter Non-Regulated Single and Dual Outputs
DCHBA2 WALL-DCHBA2_18 Datasheet
594Kb / 7P
   2 Watts Medical Isolated DC/DC Power Converter Non-Regulated Single & Dual Outputs
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com