Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMAR1-12 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMAR1-12
Description  1A DC/DC Switching Regulator Single Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMAR1-12 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMAR1-12 Datasheet HTML 1Page - Wall Industries,Inc. DCMAR1-12 Datasheet HTML 2Page - Wall Industries,Inc. DCMAR1-12 Datasheet HTML 3Page - Wall Industries,Inc. DCMAR1-12 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev A
DCMAR1 SERIES
1A
DC/DC Switching Regulator
Single Outputs
3/9/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 4
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - DCMAR1-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMAR05 WALL-DCMAR05 Datasheet
210Kb / 4P
   DC/DC Switching Regulator Single Outputs
DCMAR05-015 WALL-DCMAR05-015 Datasheet
210Kb / 4P
   DC/DC Switching Regulator Single Outputs
DCMAR05-018 WALL-DCMAR05-018 Datasheet
210Kb / 4P
   DC/DC Switching Regulator Single Outputs
DCMAR05-025 WALL-DCMAR05-025 Datasheet
210Kb / 4P
   DC/DC Switching Regulator Single Outputs
DCMAR05-033 WALL-DCMAR05-033 Datasheet
210Kb / 4P
   DC/DC Switching Regulator Single Outputs
More results

Similar Description - DCMAR1-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMAR05 WALL-DCMAR05 Datasheet
210Kb / 4P
   DC/DC Switching Regulator Single Outputs
logo
Mean Well Enterprises C...
N78 MEANWELL-N78 Datasheet
151Kb / 8P
   1A Non-Isolated DC-DC Switching Regulator
logo
SiGe Semiconductor, Inc...
AATIAN23 SIGE-AATIAN23 Datasheet
237Kb / 4P
   1A Buck DC/DC Switch Mode Regulator
logo
Intersil Corporation
ISL8540 INTERSIL-ISL8540 Datasheet
960Kb / 16P
   DC/DC Power Switching Regulator
logo
Renesas Technology Corp
ISL8560 RENESAS-ISL8560 Datasheet
1Mb / 17P
   DC/DC Power Switching Regulator
ISL8560MR RENESAS-ISL8560MR Datasheet
200Kb / 3P
   DC/DC Power Switching Regulator
November 11, 2011
logo
Toshiba Semiconductor
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
   Switching Regulator, DC/DC Converter
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
   Switching Regulator, DC/DC Converter
logo
Intersil Corporation
ISL8560MR INTERSIL-ISL8560MR Datasheet
100Kb / 2P
   DC/DC Power Switching Regulator
November 11, 2011
ISL8560MREP INTERSIL-ISL8560MREP Datasheet
90Kb / 2P
   DC/DC Power Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com