Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCB1-12S05X Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCB1-12S05X
Description  1 Watt DC/DC Converter Single and Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCB1-12S05X Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCB1-12S05X Datasheet HTML 1Page - Wall Industries,Inc. DCB1-12S05X Datasheet HTML 2Page - Wall Industries,Inc. DCB1-12S05X Datasheet HTML 3Page - Wall Industries,Inc. DCB1-12S05X Datasheet HTML 4Page - Wall Industries,Inc. DCB1-12S05X Datasheet HTML 5Page - Wall Industries,Inc. DCB1-12S05X Datasheet HTML 6Page - Wall Industries,Inc. DCB1-12S05X Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev A
DCB1 SERIES
1 Watt
DC/DC Converter
Single and Dual Outputs
2/16/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 7
RECOMMENDED FOOTPRINT DETAILS
Surface Mount Single Output Model, 1kVDC
Through Hole Single Output Model, 1kVDC
Surface Mount Single Output Model, 3kVDC
Through Hole Dual Output Model, 3kVDC
Surface Mount Dual Separate Output Models, 1kVDC
Through Hole Dual Separate Output Models, 1kVDC
Units: mm (inch); Tolerance: 0.xx ±0.25 (0.xx ± 0.01)


Similar Part No. - DCB1-12S05X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCB15PNBTD ETC2-DCB15PNBTD Datasheet
811Kb / 6P
   Plug viewed from above, socket viewed from below.
logo
Yamar Electronics Ltd.
DCB1M YAMAR-DCB1M Datasheet
4Mb / 47P
   UART/SPI/I2C Over Powerline Transceiver
R 0.84
More results

Similar Description - DCB1-12S05X

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
DCMFPU01H WALL-DCMFPU01H Datasheet
347Kb / 5P
   1 Watt DC/DC Converter Single and Dual Outputs
logo
CET Technology, LLC
CT-13DS1 CETTECHNOLOGY-CT-13DS1 Datasheet
397Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-1W CETTECHNOLOGY-CT-12D-1W Datasheet
774Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-6KV CETTECHNOLOGY-CT-12D-6KV Datasheet
675Kb / 2P
   6000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com