Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

150001 Datasheet(PDF) 2 Page - Lumberg

Part No. 150001
Description  Jack connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

150001 Datasheet(HTML) 2 Page - Lumberg

  150001 Datasheet HTML 1Page - Lumberg 150001 Datasheet HTML 2Page - Lumberg 150001 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15 1500 01
01/2018
2
Environmental conditions
Temperature range
-20 °C/+50 °C
Materials
Insulating body
PBT GF, V-0 according to UL 94
Contact
Cu-alloy, nickel/gold-plated
Housing
CuZn, nickel-plated
Knurled nut
CuZn, nickel-plated
Mechanical data
Mating cycles
≥ 3000 1
Insertion force
4–40 N (initial value)
Withdrawal force
4–40 N (initial value)
1
measured with a gauge plug
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 50 mΩ
Rated impulse voltage
500 V/60 s
Insulation resistance
≥ 100 MΩ
Associated products
Counterparts
1530 02
Accessories
1597 01
1597 03
of 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn