Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3374 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK3374
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3374 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK3374 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3374 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3374 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3374 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3374 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3374 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3374
2002-08-09
5
rth - tw
Safe operating area
EAS - Tch
Pulse width tw (S)
Channel temperature (initial) Tch (°C)
-15 V
15 V
Test circuit
Wave form
IAR
BVDSS
VDD
VDS
RG = 25 W
VDD = 90 V, L = 203 mH
÷
÷
ø
ö
ç
ç
è
æ
-
×
×
×
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
0.001
0.1
1
3
0.3
0.01
10
m
100
m
1 m
10 m
1
10
100
T
PDM
t
Duty
= t/T
Rth (ch-a) = 96.1°C/W
Duty
= 0.5
0.1
Single Pulse
0.02
0.0005
0.003
0.03
0.05
0.5
100 m
0.01
0.05
0.2
0.001
0.1
0.01
0.1
1
10
10
100
1000
*: Single nonrepetitive pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.
ID max (continuous)
ID max (pulsed) *
100
ms *
DC operation
Ta
= 25°C
1 ms *
VDSS max
1
0
25
30
60
90
150
120
50
75
100
125
150
Drain-source voltage VDS (V)


Similar Part No. - 2SK3374

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3374 TOSHIBA-2SK3374 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374 Datasheet
188Kb / 6P
   Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_10 Datasheet
188Kb / 6P
   Switching Regulator Applications
More results

Similar Description - 2SK3374

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3310 TOSHIBA-2SK3310 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3314 TOSHIBA-2SK3314 Datasheet
263Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3387 TOSHIBA-2SK3387 Datasheet
216Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV)
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSV)
2SK3342 TOSHIBA-2SK3342 Datasheet
129Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com